Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7108 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # TH7108
Description  868/915MHz FSK/FM/ASK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7108 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button TH7108 Datasheet HTML 3Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 9Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 10Page - Melexis Microelectronic Systems TH7108 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TH7108
868/915MHz
FSK/FM/ASK Transmitter
3901007108
Page 7 of 14
Data Sheet
Rev. 008
May/03
4
Electrical Characteristics
4.1
Absolute Maximum Ratings
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
VCC
0
7.0
V
Input voltage
VIN
-0.3
VCC+0.3
V
Storage temperature
TSTG
-65
150
°C
Junction temperature
TJ
150
°C
Thermal Resistance
RthJA
112
K/W
Power dissipation
Pdiss
0.12
W
VESD1
human body model, 1)
-1.0
+1.0
Electrostatic discharge
VESD2
human body model, 2)
-0.75
+0.75
kV
1) all pins except OUT1, OUT2
2) pins OUT1, OUT2
4.2
Normal Operating Conditions
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
VCC
2.2
5.5
V
Operating temperature
TA
-40
85
°C
Input low voltage CMOS
VIL
ENTX, ENCK, DATA pins
0.3*VCC
V
Input high voltage CMOS
VIH
ENTX, ENCK, DATA pins
0.7*VCC
V
XOSC frequency
fref
set by the crystal
26.5
28.75
MHz
890
VCO frequency
fc
fc = 32
• f
ref
TA < 70°C,
VCC
≥ 2.5V
850
920
MHz
Clock frequency
fclk
fc = fref / 8
3.3
3.6
MHz
FSK deviation
∆f
FSK
depends on CX1, CX2 and
crystal parameter
±5
±100
kHz
Data rate FSK
RFSK
NRZ
40
kbit/s
FM deviation
∆f
FM
adjustable with V1 and CX3
±6
kHz
Modulation frequency FM
fmod
5
kHz
Data rate ASK
RASK
NRZ
40
kbit/s
4.3
Crystal Parameters
Parameter
Symbol
Condition
Min
Max
Unit
Crystal frequency
f0
fundamental mode, AT
26.5
28.75
MHz
Load capacitance
CL
10
15
pF
Static capacitance
C0
7
pF
Resonance resistance
R1
40
Ω
Spurious response
aspur
only required for FSK
-10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com