Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS63-R-2M Datasheet(PDF) 57 Page - Omron Electronics LLC

Part # V680-HS63-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-2M Datasheet(HTML) 57 Page - Omron Electronics LLC

Back Button V680-HS63-R-2M Datasheet HTML 51Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 52Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 53Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 54Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 55Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 56Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 57Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 58Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 59Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
57
V680 Series
Accessories
25±0.2
25±0.2
25±0.2
25±0.2
15
34
37
15
34
37
16
4
10
3.5
Two, 4-dia.
4-R5.5
Two, M3
Mounting Hole Dimensions
V680-D1KP66T Attachments
V600-A86
Case material
PPS resin
76
44
Two, M4
Mounting Hole Dimensions
44±0.2
54
Two, 4.5-dia.
mounting holes
76±0.2
86
10
Case material
PBT resin
Filling
Epoxy resin
V680-D8KF68/-D32KF68 Attachments
V680-A81
M12
M12
40
17
50
110
20 dia.
11.5
15
3.2 dia.
12 dia.
Mounting Hole Dimensions
V680-D1KP58HTN Attachments
V680-A80
Material
Stainless steel
40
22
5 8
Two, 6-dia
Two, 3.5-dia
1
1.5
3.5
22
31±0.1
Two, M3
Mounting Hole Dimensions
31±0.2
V680-D1KP54T Attachments
V700-A80
Material
PPS resin
51
L
49
Connector to Amplifier Unit
Connection label
Connector to ID Controller
6 dia.
15 dia.
15.5 dia.
6-dia. vinyl-insulated
round cable
Amplifier Unit Special Extension Cable
V700-A40 2M
V700-A41 3M
V700-A42 5M
V700-A43 10M
V700-A44 20M
V700-A45 30M
Material
PVC
Cable length
L dimension
2 m
2,000±100
3 m
3,000±100
5 m
5,000±100
10 m
10,000±100
20 m
20,000±100
30 m
30,000±100
20 dia.
15 dia.
41.8
L49
6-dia. vinyl-insulated
round cable
Connector to R/W Head
Connector to ID Controller
Connection label
V680-H01 Special Cables
V700-A40-W 2M
V700-A40-W 5M
V700-A40-W 10M
V700-A40-W 20M
V700-A40-W 30M
Material
PVC
Cable length
L dimension
2 m
2,000±100
5 m
5,000±100
10 m
10,000±100
20 m
20,000±100
30 m
30,000±100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com