Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS63-R-2M Datasheet(PDF) 51 Page - Omron Electronics LLC

Part # V680-HS63-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-2M Datasheet(HTML) 51 Page - Omron Electronics LLC

Back Button V680-HS63-R-2M Datasheet HTML 47Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 48Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 49Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 50Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 51Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 52Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 53Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 54Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 55Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
51
V680 Series
Antenna with Detachable Amplifier Unit
V680-D1KP58HTN
60 dia.
80 dia.
14 dia.
1.25
7.5
10±0.2
(5°)
(5°)
2-R1
Coating
PPS resin
M10-P1.5
C1.5
8.4 dia.
(19.6)
17
10
0.1
21.6
9.5
15-30°
V680-D1KP52M-BT01
V680-D2KF52M-BT01
M8-P1.25
C1.5
6 dia.
(15)
13
10
0.1
19.1
7
15-30°
V680-D1KP52M-BT11
V680-D2KF52M-BT11
30
50
37
Insulated cover
5.5-dia. coaxial cable
Ferrite core
Connector
16.8 dia.
16.5 dia.
65
47.6
57
50
7
35 dia.
22.5 dia.
Two toothed washers
Two mounting nuts
Operation indicator
M22×1
30
14.5 dia.
19.8 dia.
Mounting Hole Dimensions
L
V680-HS52-W
Cable length
L dimension
2 m
2,000 +100
−50
12.5 m
12,500 +200
−50
Case material
Brass
Communication
surface
ABS resin
Filling
Epoxy resin
Cable
PVC
30
50
Insulated cover
5.3-dia. coaxial cable
Ferrite core
16.8 dia.
16.5 dia.
65
47.6
57
50
7
19.8 dia.
Two toothed washers
Two mounting nuts
Operation indicator
20
Connector
14.5 dia.
10
M22×1
35 dia.
22.5 dia.
30
Mounting Hole Dimensions
L
V680-HS52-R
Cable length
L dimension
2 m
2,000 +100
−50
12.5 m
12,500 +200
−50
Case material
Brass
Communication
surface
ABS resin
Filling
Epoxy resin
Cable
PVC
V680-HS51
Case material
Brass
Communication
surface
ABS resin
Filling
Epoxy resin
Cable
PVC
2,000
+200
-50
12.5 dia.
21 dia.
17
M12×1
Toothed washer
Two mounting
nuts
7
12.8
24
33
25
50
Ferrite core
26.2
Connector
Insulated
cover
Coaxial cable, 2.9 dia.,
Standard length: 2 m
35
Mounting Hole Dimensions
9.6 dia.
12
(14.5 dia.) (16.8 dia.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com