Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS63-R-2M Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # V680-HS63-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-2M Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button V680-HS63-R-2M Datasheet HTML 40Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 41Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 42Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 43Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 44Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 45Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 46Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 47Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
V680 Series
44
Communications Time
Communications Time between Antennas and Tags
ID Controllers (V680-CA5D0
@-V2, CJ1W-V680C11/C12, CS1W-V680C11/12)
1-kbyte Memory RF Tag
V680-D1KP
@ (used in combination with the V680-HS@@ Antenna, V680-HA63A Amplifier Unit and V680-H01-V2 Antenna)
V680-D1KP58HTN (used in combination with the V680-H01-V2 Antenna)
*1. The V680-H01 Antenna cannot be used in high-speed
mode.
*2. When using multi-access or FIFO communications
options, normal-mode communications speed will be
used regardless of the high-speed mode setting.
2-kbyte Memory RF Tag
V680S-D2KF
@@, V680S-D2KF52M/-D2KF52M-BT@@ (used in combination with the V680-HS@@ Antenna, V680-HA63B Amplifier Unit and
V680-H01-V2 Antenna)
* When using multi-access or FIFO communications
options, normal-mode communications speed will be
used regardless of the high-speed mode setting.
8-kbyte Memory RF Tag
V680S-D8KF
@@
(used in combination with the V680-HS
@@ Antenna and V680-HA63B Amplifier Unit)
* When using V680S-D8KF@@ RF Tag, normal-mode
communications speed will be used regardless of the
high-speed mode setting.
Communications
speed setting
Command
Write
verification
setting
Communications
time
N: No. of bytes
processed
Normal mode
Read
−
T=1.3N+31
Write
Enabled
T=2.1N+58
Disabled
T=1.8N+56
High-speed
mode
*1, *2
Read
−
T=1.0N+29
Write
Enabled
T=1.8N+51
Disabled
T=1.5N+47
Communications
speed setting
Command
Write
verification
setting
Communications
time
N: No. of bytes
processed
Normal mode
Read
−
T=1.2N+30
Write
Enabled
T=2.4N+49
Disabled
T=1.2N+49
High-speed
mode
*
Read
−
T=0.9N+27
Write
Enabled
T=1.7N+49
Disabled
T=0.9N+41
Communications
speed setting
Command
Communications time
N: No. of bytes processed
Normal mode
Read
T=0.6N+47
Write
(verify enabled)
T=1.2N+128
Write
(verify disabled)
T=0.6N+101
High-speed
mode
*
Read
T=0.6N+47
Write
(verify enabled)
T=1.2N+128
Write
(verify disabled)
T=0.6N+101
2,500
2,000
1,500
1,000
500
0
200
400
600
800
1,000
1,200
Bytes
Read
Write (verify enabled)
Write
(verify
disabled)
Communications speed: Normal mode
2,000
1,600
1,200
800
400
1,800
1,400
1,000
600
200
0
200
400
600
800
1,000
1,200
Bytes
Read
Write (verify enabled)
Communications speed: High-speed mode
Write
(verify
disabled)
5,000
4,000
3,000
2,000
1,000
4,500
3,500
2,500
1,500
500
4,000
3,000
2,000
1,000
3,500
2,500
1,500
500
0
500
1,000
1,500
2,000
2,500
Bytes
Read
Write (verify enabled)
Write (verify disabled)
Read
Write (verify enabled)
Write (verify disabled)
500
1,000
1,500
2,000
2,500
Communications speed: Normal mode
0
Bytes
Communications speed: High-speed mode
2,500
1,500
3,000
2,000
1,000
500
0
500
1,000
1,500
2,000
2,500
Bytes
Read
Write (verify enabled)
Write (verify disabled)
Read
Write (verify enabled)
Write (verify disabled)
500
1,000
1,500
2,000
2,500
Communications speed: Normal mode
0
Bytes
Communications speed: High-speed mode
2,500
1,500
3,000
2,000
1,000
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com