Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS63-R-2M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # V680-HS63-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-2M Datasheet(HTML) 1 Page - Omron Electronics LLC

  V680-HS63-R-2M Datasheet HTML 1Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 2Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 3Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 4Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 5Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 6Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 7Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 8Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
CSM_V680 Series_DS_E_1_17
1
RFID System
V680 Series
RFID Systems with ISO/IEC 18000-3
(15693) Compliance
• High-speed communications and highly reliable
communications provided with an electromagnetic induction
system and unique technology.
• Antennas and RF Tags with excellent environmental resistance.
• Wide line-up of ultra-compact, long-life RF Tags, with
capacities from 1 to 8 kbytes.
• Visualizes the communications status for simple analysis of
the operating environment.
• Complies with FCC Rules and R&TTE Directive.
System Configuration
Connect V680 Antennas and Amplifier Units to a V680-series Controller, and read or write data from or to RF Tags.
* For information on the combinations that can be used, refer to Combinations of Amplifier Units, Antennas, and RF Tags on page 3.
V680S-D8KF67
V680S-D8KF67M
V680S-D8KF68
V680S-D8KF68M
1-kbyte RF Tags
8-kbyte RF Tags
V680-D1KP52MT
V680-D1KP54T
V680-D1KP66T-SP
V680-D1KP53M
V680-D1KP58HTN
V680-D1KP66T
V680-D1KP66MT
V680-D1KP52M-BT01
V680-D1KP52M-BT11
V680-D2KF52M
2-kbyte RF Tags
V680S-D2KF67
V680S-D2KF67M
V680-D2KF52M-BT01
V680-D2KF52M-BT11
V680S-D2KF68
V680S-D2KF68M
Standard Programmable
Controller
The V680-H01-V2 can be used only
with 1-channel Controllers or ID Sensor Units.
An Amplifier is not
required. It is built in.
Cable length (0.5/5/10) m
ID Flag Sensor
Personal computer
CS/CJ-series PLC ID Sensor Units (1 or 2 channels)
CJ1W-V680C11/C12 CS1W-V680-C11/C12
Standard 2-channel Controller
V680-CA5D02-V2
Standard 1-channel Controller
V680-CA5D01-V2
V680-HS51
Cable length 2 m
V680-A60
Cable length (2/5/10) m
V680-HAM91/-HAM81
(NPN output/PNP output)
DeviceNet ID Slave
V680-HAM42-DRT
PROFIBUS ID Slave
V680-HAM42-PRT
V680-HS52
Cable length (2/12.5) m
V680-HS63
Cable length (2/12.5) m
V680-HS65
Cable length (2/12.5) m
V700-A40/41/42/43/44/45
Cable length (2/3/5/10/20/30) m
V700-A40-W
Cable length (2/5/10/20/30) m
V680-H01-V2
Cable length 0.5 m
∗
∗
The maximum
extendable cable
length is 30 m.
(not including the
Amplifier)
Two Extension Cables
cannot be connected
to each other.
The maximum extendable cable length is 40 m.
(Not including the Amplifier.)
Do not connect more than two
Extension Cables to each other.
For 1-Kbyte RF Tags
V680-HA63A
For 2- or 8-Kbyte RF Tags
V680-HA63B
OMRON
Programmable
Controller
CJ/CS/NJ Series


Similar Part No. - V680-HS63-R-2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
V680 RFID Handheld Reader Writer
More results

Similar Description - V680-HS63-R-2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
fujitsu semiconductor
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
27-Oct-2011
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com