Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS63-R-2M Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # V680-HS63-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-2M Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button V680-HS63-R-2M Datasheet HTML 10Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 11Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 12Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 13Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 14Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 15Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 16Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 17Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
V680 Series
14
Amplifier-integrated Controller (DeviceNet ID Slave/PROFIBUS ID Slave)
Note: 1. For details, refer to the User's Manual (Cat. No. Z278).
2. The number of words allocated in the master depends on the Access Mode.
Amplifier-integrated Controllers (ID Flag Sensors)
Note: 1. For details, refer to the User’s Manual (Cat. No. Z279).
2. The connectors are not water resistant. If there is a possibility that water will be splashed onto the ID Sensor Unit, mount it inside of a
control box. Also, be sure to use the V680 as a set with the V680-A60 Interface Cable (sold separately).
Item
Model
V680-HAM42-DRT
V680-HAM42-PRT
Network compatibility
DeviceNet
PROFIBUS DP-V0
Connectable Antennas
One channel (V680-HS
@@)
Rated voltage
24 VDC (
−15% to 10%) including 10% ripple (p-p)
Power consumption
4 W max. (Current consumption of 200 mA max. at power supply voltage of 24 VDC)
Ambient operating
temperature
−10 to 55°C (with no icing)
Ambient storage
temperature
−25 to 65°C (with no icing)
Ambient operating
humidity
25% to 85% (with no condensation; ambient operating temperature is 40°C max. at humidity of 85%)
Insulation resistance
20 M
Ω min. (at 500 VDC) between all terminals excluding the ground terminal and the case
Dielectric strength
1,000 VAC (50/60 Hz) for 1 minute between all terminals excluding the ground terminal and the case
Vibration resistance
10 to 150 Hz, 0.2-mm double amplitude at 15 m/s2 acceleration with 10 sweeps in X, Y and Z directions for 8 minutes
each
Shock resistance
150 m/s2 in X, Y, and Z directions 3 times each (18 times in total)
Appearance
65 × 65 × 65 mm (excluding protrusions)
Degree of protection
IEC 60529, IP20
Materials
Polycarbonate (PC) resin, ABS resin
Weight
Approx. 150 g
Mounting
DIN Track
Item
Model
V680-HAM91
V680-HAM81
Rated voltage
24 VDC (
−15% to +10%) including 10% ripple (p-p)
Power consumption
3.5 W (24 VDC, 150 mA max. except external I/O line current)
Input specifications
Transistor output
Short-circuit current: 3 mA (typical) (for short-circuit between IN terminal and 0 V), OFF voltage: 15 to
30 VDC, ON voltage: 0 to 5 VDC, Input impedance: 8.2 k
Ω, Applied voltage: 30 VDC max.
Output specifications
NPN open-collector output 30 VDC, 20 mA max.,
Residual voltage: 2 V max.
PNP open-collector output 30 VDC, 20 mA max.,
Residual voltage: 2 V max.
Ambient operating
temperature
−10 to 55°C (with no icing)
Ambient storage
temperature
−25 to 65°C (with no icing)
Ambient operating
humidity
25% to 85% (with no condensation; ambient operating temperature is 40°C max. at humidity of 85%)
Insulation resistance
20 M
Ω min. (at 500 VDC) between all terminals excluding the FG terminal and the case
Dielectric strength
1,000 VAC (50/60 Hz) applied for 1 minute between all terminals excluding the FG terminal and the case
Vibration resistance
10 to 150 Hz, 0.2-mm double amplitude at 15 m/s2 acceleration with 10 sweeps in X, Y and Z directions for 8 minutes
each
Shock resistance
150 m/s2 in X, Y, and Z directions 3 times each (18 times in total)
Appearance
90 × 30 × 65 mm (excluding protrusions)
Degree of protection
IEC 60529, IP40
Materials
Polycarbonate (PC) resin, ABS resin
Weight
Approx. 130 g
Mounting
DIN Track



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com