Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS63-R-2M Datasheet(PDF) 46 Page - Omron Electronics LLC

Part # V680-HS63-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-2M Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button V680-HS63-R-2M Datasheet HTML 42Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 43Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 44Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 45Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 46Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 47Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 48Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 49Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
V680 Series
46
ID Flag Sensors (V680-HAM91/-HAM81)
Calculation Example
Read Processing Using Combination of V680-D1KP66T and V680-HS63
Note: 1. The travel speed depends on factors such as the communications distance Y and axis offset. Therefore, it is recommended to refer to
the interrogation zone figure and to perform operation using the widest part of the area.
2. The calculated value is a rough guide.
Perform testing with the actual devices before actual operation.
3. This calculation formula does not include communications error processing.
Operating Mode
Communications time (ms)
Read
Write
RF Tag
Data Read, Verification read
Write, Bit Set, Bit Clear
1-kbyte/2-kbyte Memory RF Tag
43
87
8-kbyte Memory RF Tags
50
84
Travel direction
RF Tag travel speed (conveyor speed) =
Travel distance (D) in interrogation zone
Communications time (T)
Interrogation
zone
RF Tag travel speed (m/min) =
43(ms)
50(mm)
-60
-40
-20
0
20
40
X
Y
10
20
30
40
50
50 mm
(Unit: mm)
69(m/min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com