Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS63-R-2M Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # V680-HS63-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-2M Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button V680-HS63-R-2M Datasheet HTML 7Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 8Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 9Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 10Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 11Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 12Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 13Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 14Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11
V680 Series
Cylindrical Antenna (Detachable Amplifier Unit Type)
Note: For details, refer to the User’s Manual (Cat. No. Z248 or Z262).
*1. The degree of protection for the Connector is IP67/IP65. This OMRON in-house standard confirms resistance to cutting and other oils. It is equivalent to the former
JEM1030 standard.
*2. The Connector is not waterproof. Oil resistance has been tested using a specific oil as defined in the OMRON test method.
Square Antenna (Detachable Amplifier Unit Type)
Note: For details, refer to the User’s Manual (Cat. No. Z248 or Z262).
*1. The degree of protection for the Connector is IP67/IP65. Oil resistance has been tested using a specific oil as defined in the OMRON test method.
*2. The Connector is not waterproof. Oil resistance has been tested using a specific oil as defined in the OMRON test method.
Model
Item
V680-HS51 (Standard Cable,
Non-waterproof Connector)
V680-HS52-W (Standard Cable,
Waterproof Connector)
V680-HS52-R (Standard Cable,
Non-waterproof Connector)
Ambient operating temperature
−10°C to 60°C (with no icing)
Ambient storage temperature
−25°C to 75°C (with no icing)
Ambient operating humidity
35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC) between the cable terminals and the case
Dielectric strength
1,000 VAC (50/60 Hz) for 1 minute between the cable terminals and the case with a current leakage of 5 mA max.
Degree of protection
IP67 (IEC 60529:2001)
Oil resistance equivalent to IP67G (JIS C
0920:2003, Appendix 1) (Antenna portion)
*2
IP67 (IEC 60529:2001)
Oil resistance equivalent to IP67G (JIS C
0920:2003, Appendix 1) (Antenna portion)
*1
IP67 (IEC 60529:2001)
Oil resistance equivalent to IP67G (JIS C
0920:2003, Appendix 1) (Antenna portion)
*2
Vibration resistance
10 to 2,000 Hz variable vibration, 1.5-mm
double amplitude at 150 m/s2
acceleration, with 10 sweeps in X, Y, and
Z directions for 15 minutes each
10 to 500 Hz variable vibration, 1.5-mm double amplitude at 100 m/s2
acceleration, with 10 sweeps in X, Y, and Z directions for 8 minutes each
Shock resistance
1,000 m/s2 in X, Y, and Z directions 3
times each (18 times in total)
500 m/s2 in X, Y, and Z directions 3 times each (18 times in total)
Appearance
M12 × 35 mm
M22 × 65 mm
Materials
ABS, brass, epoxy resin filling
Weight
Approx. 55 g (with 2-m cable)
Approx. 850 g (with 12.5-m cable)
Item
Model
V680-HS63-W (Standard Cable, Waterproof Connector)
V680-HS63-R (Flexible Cable, Non-waterproof Connector)
Ambient operating temperature
−10°C to 60°C (with no icing)
Ambient storage temperature
−25°C to 75°C (with no icing)
Ambient operating humidity
35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC) between the cable terminals and the case
Dielectric strength
1,000 VAC (50/60 Hz) for 1 minute between the cable terminals and the case with a current leakage of 5 mA max.
Degree of protection
IP67 (IEC 60529:2001)
Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1)
(Antenna portion)
*1
IP67 (IEC 60529:2001)
Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1)
(Antenna portion)
*2
Vibration resistance
10 to 500 Hz variable vibration, 1.5-mm double amplitude at 100 m/s2 acceleration, with 10 sweeps in X, Y, and Z
directions for 11 minutes each
Shock resistance
500 m/s2 in X, Y, and Z directions 3 times each (18 times in total)
Appearance
40 × 53 × 23 mm
Materials
ABS, epoxy resin filling
Weight
Approx. 850 g (with 12.5-m cable)
Item
Model
V680-HS65-W (Standard Cable, Waterproof Connector)
V680-HS65-R (Flexible Cable, Non-waterproof Connector)
Ambient operating temperature
−25°C to 70°C (with no icing)
Ambient storage temperature
−40°C to 85°C (with no icing)
Ambient operating humidity
35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. (at 500 VDC) between the cable terminals and the case
Dielectric strength
1,000 VAC (50/60 Hz) for 1 minute between the cable terminals and the case with a current leakage of 5 mA max.
Degree of protection
IP67 (IEC 60529:2001)
Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1)
(Antenna portion)
*1
IP67 (IEC 60529:2001)
Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1)
(Antenna portion)
*2
Vibration resistance
10 to 500 Hz variable vibration, 1.5-mm double amplitude at 100 m/s2 acceleration, with 10 sweeps in X, Y, and Z directions for 11 minutes each
Shock resistance
500 m/s2 in X, Y, and Z directions 3 times each (18 times in total)
Appearance
100 × 100 × 30 mm
Materials
ABS, epoxy resin filling
Weight
Approx. 1,100 g (with 12.5-m cable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com