Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS63-R-2M Datasheet(PDF) 52 Page - Omron Electronics LLC

Part # V680-HS63-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-2M Datasheet(HTML) 52 Page - Omron Electronics LLC

Back Button V680-HS63-R-2M Datasheet HTML 48Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 49Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 50Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 51Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 52Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 53Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 54Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 55Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 56Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
V680 Series
52
Center of coil
Two, M4 or 4.5 dia.
Operation indicator
5.5-dia. coaxial cable
Ferrite core
Connector
30
50
37
Insulated cover
23
5
11
5
40
28±0.1
53
27
6
14.5 dia.
16.5 dia.
16.8 dia.
Mounting Hole Dimensions
L
27
±0.2
V680-HS63-W
Cable length
L dimension
2 m
2,000 +100
−50
12.5 m
12,500 +200
−50
Case material
ABS resin
Filling
Epoxy resin
Cable
PVC
5
5
Operation indicator
40
28±0.1
53
27
6
5.3-dia. coaxial cable
Ferrite core
Connector
Center of coil
Two, M4 or 4.5 dia.
23
30
50
20
Insulated cover
16.8 dia.
14.5 dia.
11
10
16.5 dia.
Mounting Hole Dimensions
27
±0.2
L
Cable length
L dimension
2 m
2,000 +100
−50
12.5 m
12,500 +200
−50
Case material
ABS resin
Filling
Epoxy resin
Cable
PVC
V680-HS63-R
Operation
indicator
14
90±0.2
100
50
20
30
100
90±0.2
50
5
5
50
30
5.5-dia. coaxial cable
16.5 dia.
Ferrite core
37
Bushing
25
Four, 4.5-dia.
(Mounting holes)
10
11
10
Insulated cover
Connector
16.8 dia.
14.5 dia.
L
V680-HS65-W
Cable length
L dimension
2 m
2,000 +100
−50
12.5 m
12,500 +200
−50
Case material
ABS resin
Filling
Epoxy resin
Cable
PVC (gray)
100
90±0.2
50
5
5
90±0.2
100
50
Bushing
25
10
10
30
14
Four, 4.5-dia.
(Mounting holes)
11
20
50
30
5.3-dia. coaxial cable
Insulated cover
16.5 dia.
Ferrite core
(39.5)
Connector
14.5 dia. 16.8 dia.
L
Operation
indicator
Cable length
L dimension
2 m
2,000 +100
−50
12.5 m
12,500 +200
−50
Case material
ABS resin
Filling
Epoxy resin
Cable
PVC (black)
V680-HS65-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com