Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS63-R-2M Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # V680-HS63-R-2M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-2M Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button V680-HS63-R-2M Datasheet HTML 3Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 4Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 5Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 6Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 7Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 8Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 9Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 10Page - Omron Electronics LLC V680-HS63-R-2M Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
7
V680 Series
Accessories (Order Separately)
RF Tag Attachment
Amplifier Unit Special Extension Cable (Amplifier Unit to Controller)
Note: The cable can be extended up to 40 m. Up to two extension cables can be used.
V680-H01 Antenna Special Cable (Antenna to Controller)
Note: The cable can be extended up to 30 m. Only one extension cable can be used.
RS-232C Communications Connector
* An RS422/RS485 Communications Connector is attached to the Controller.
ID Map Manager
* Supported operating system: Windows 7
For details, consult your OMRON representative.
Type
Appearance
Model
For the V680-D1KP66T
V600-A86
For the V680-D
@KF68
V680-A81
To mount the V680-
D1KP58HTN
V680-A80
For the V680-D1KP54T
V700-A80
Cable length
Appearance
Model
2 m
V700-A40 2M
3 m
V700-A41 3M
5 m
V700-A42 5M
10 m
V700-A43 10M
20 m
V700-A44 20M
30 m
V700-A45 30M
Cable length
Appearance
Model
2 m
V700-A40-W 2M
5 m
V700-A40-W 5M
10 m
V700-A40-W 10M
20 m
V700-A40-W 20M
30 m
V700-A40-W 30M
Name
Model
Connector Plug
XM3B-0922-111
Connector Hood
XM2S-0911
Type
Model
Japanese version
V680-A-IMMJP-P02
*
English version
V680-A-IMMEG-P02
*
Chinese version
V680-A-IMMCN-P02
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com