Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS77C1001 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 3Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 4Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 5Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 6Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 7Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 8Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 9Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 10Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
GMS77C1000/GMS77C1001
4
July. 2001 Ver. 1.1
4. PACKAGE DIAGRAM
0.925
0.0 15
0.045
TYP 0.10
TYP 0.300
0.270
0.01
5
0 ~ 15°
0.461
0.014
TYP 0.050
0 ~ 8°
0.024
18 PDIP
18 SOP
unit: inch
MAX
MIN
0.895
0.022
0.065
0.00
8
0.245
0.451
0.029
0.040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com