Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS77C1001 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GMS77C1001 Datasheet HTML 1Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 2Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 3Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 4Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 5Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 6Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 7Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 8Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
1
GMS77C1000 / GMS77C1001
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
1. OVERVIEW
1.1 Description
The GMS77C1000 and GMS77C1001 are an advanced CMOS 8-bit microcontroller with 0.5K/1K words(12-bit) of
EPROM. The Hynix Semiconductor GMS77C1000 and GMS77C1001 are a powerful microcontroller which provides a high
flexibility and cost effective solution to many small applications. The GMS77C1000 and GMS77C1001 provide the follow-
ing standard features: 0.5K/1K words of EPROM, 25 bytes of RAM, 8-bit timer/counter, power-on reset, on-chip oscillator
and clock circuitry. In addition, the GMS77C1000 and GMS77C1001 supports power saving modes to reduce power con-
sumption.
1.2 Features
• High-Performance RISC CPU:
-
12-bit wide instructions and 8-bit wide data path
-
33 single word instructions
-
0.5K/1K words on-chip program memory
-
25 bytes on-chip data memory
-
Minimum instruction execution time
200ns @20MHz
-
Operating speed: DC - 20 MHz clock input
-
Seven special function hardware registers
-
Two-level hardware stack
• Peripheral Features:
-
Twelve programmable I/O lines
-
One 8-bit timer/counter with 8-bit programmable
prescaler
-
Power-On Reset (POR)
-
Power Fail Detector : noise immunity circuit
2 level detect ( 3V, 2.5V )
-
Internal Reset Timer (IRT)
-
Watchdog Timer (WDT) with on-chip RC oscilla-
tor
-
Programmable code-protection
-
Power saving SLEEP mode
-
Selectable oscillator options: Configuration word
RC: Low-cost RC oscillator (200KHz~4MHz)
XT: Standard crystal/resonator (455KHz~4MHz)
HF: High-speed crystal/resonator (4~20MHz)
LF: Power saving, low-frequency crystal/resonator
(32~200KHz)
• CMOS Technology:
-
Low-power, high-speed CMOS EPROM technol-
ogy
-
Fully static design
-
Wide-operating range:
2.5V to 5.5V @ RC, XT, LF
4.5V to 5.5V @ HF
Device name
ROM Size
RAM Size
Package
GMS77C1000
0.5K words(12-bit)
25 bytes
18 PDIP, SOP or 20 SSOP
GMS77C1001
1K words(12-bit)
25 bytes
18 PDIP, SOP or 20 SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com