Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS77C1001 Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 29Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 30Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 31Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 32Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 33Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 34Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 35Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 36Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
GMS77C1000/GMS77C1001
30
July. 2001 Ver. 1.1
13. OSCILLATOR CIRCUITS
GMS77C100X supports four user-selectable oscillator
modes. The oscillator modes are selected by programming
the appropriate values into the configuration word.
- XT : Crystal/Resonator
- HF : High Speed Crystal/Resonator
- LF : Low Speed and Low Power Crystal
- RC : External Resistor/Capacitor
13.1 XT, HF or LF Mode
In XT, LF or HF modes, a crystal or ceramic resonator is
connected to the XIN and XOUT pins to establish oscillation
(Figure 13-1). The GMS77C100X oscillator design re-
quires the use of a parallel cut crystal. Use of a series cut
crystal may give a frequency out of the crystal manufactur-
ers specifications. Bits 0 and 1 of the configuration register
(FOSC1:FOSC2) are used to configure the different exter-
nal resonator/crystal oscillator modes. These bits allow the
selection of the appropriate gain setting for the internal
driver to match the desired operating frequency. When in
XT, LF or HF modes, the device can have an external clock
source drive the XIN pin (Figure 13-2). In this case, the
XOUT pin should be left open.
Note: These values are for design guidance only. Since
each resonator has its own characteristics, the user
should consult the resonator manufacturer for ap-
propriate values of external components.
Note: These values are for design guidance only. Since
each crystal has its own characteristics, the user
should consult the crystal manufacturer for appropri-
ate values of external components.
If you change from this device to another device,
please verify oscillator characteristics in your
application.
13.2 RC Oscillation Mode
The external RC oscillator mode provides a cost-effective
approach for applications that do not require a precise op-
erating frequency. In this mode, the RC oscillator frequen-
FIGURE 13-1 CRYSTAL OR CERAMIC RESONATOR
(HF, XT OR LF OSC CONFIGURATION)
FIGURE 13-2 EXTERNAL CLOCK INPUT OPERATION
(HF, XT OR LF OSC CONFIGURATION)
XOUT
XIN
To internal
RF(2)
SLEEP
logic
XTAL
C2(1)
C1(1)
Note 1: See Capacitor Selection tables for recommended
values of C1 and C2.
2: RF varies with the crystal chosen
(approx. value = 9 M
Ω).
XOUT
XIN
OPEN
GMS77C100X
Clock from
ext. system
Osc
Type
Resonator
Freq
Cap.Range
C1
Cap. Range
C2
XT
455 kHz
2.0 MHz
4.0 MHz
22-100 pF
15-68 pF
15-68 pF
22-100 pF
15-68 pF
15-68 pF
HF
4.0 MHz
8.0 MHz
16.0 MHz
15-68 pF
10-68 pF
10-22 pF
15-68 pF
10-68 pF
10-22 pF
TABLE 13-1 CAPACITOR SELECTION FOR CERAMIC
RESONATORS
Osc
Type
Crystal
Freq
Cap.Range
C1
Cap. Range
C2
LF
32 kHz1
100 kHz
200 kHZ
1.
For VDD > 4.5V, C1 = C2
≈ 30 pF is recommended.
15 pF
15-30 pF
15-30 pF
15 pF
30-47 pF
15-82 pF
XT
100 kHz
200 kHz
455 kHz
1 MHz
2 MHz
4 MHz
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-47 pF
200-300 pF
100-200 pF
15-100 pF
15-30 pF
15-30 pF
15-47 pF
HF
4 MHz
8 MHz
20 MHz
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
TABLE 13-2 CAPACITOR SELECTION FOR CRYSTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com