Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS77C1001 Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 21Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 22Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 23Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 24Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 25Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 26Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 27Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 28Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
GMS77C1000/GMS77C1001
22
July. 2001 Ver. 1.1
9.3.7 OPTION Register
The OPTION register consists of 8-bit write-only register
and can not addressed. This register is able to control the
status of PFD, TMR0/WDT prescaler and TMR0.
To modify the OPTION register, the content of W register
are transferred to the OPTION register by executing the
OPTION instruction.
In reset state, the OPTION register is initialized with
“00111111B” .
FIGURE 9-9 FSR REGISTER AND DIRECT/INDIRECT ADDRESSING MODE
FSR
Address : 04H
80
11
5
0
4
4
-
--
1
0
Indirect Addressing mode
Direct Addressing mode
Data Memory Address
Instruction Word
OPCODE
RESET Value: 1XXX_XXXXB
FIGURE 9-10 OPTION REGISTER
LOWOPT
W
PFDEN
W
T0CS
W
T0SE
W
PSA
W
PS2
W
PS1
W
PS0
W
bit7
6
bit0
5
432
1
LOWOPT:
Power-fail detection level select bit.
1 = Lowered detection level (2.5V @ 5V)
0 = Normal detection level (3V @ 5V)
PFDEN:
Power-fail detection enable bit
1 = Enable power-fail detection
0 = Disable power-fail detection
T0CS:
Timer 0 clock source select bit
1 = Transition on EC0 pin
0 = Internal instruction cycle clock
T0SE:
Timer 0 source edge select bit
1 = Increment on high-to-low transition on
EC0
0 = Increment on low-to-high transition on
EC0
PSA:
Prescaler assignment bit
1 = Prescaler assigned to the WDT
0 = Prescaler assigned to the Timer 0
PS2-PS0:
Prescaler rate select bits)
Bit Value
Timer 0 rate
WDT rate
000
1:2
1:2 (Typ. 28mS)
001
1:4
1:4 (Typ. 56mS)
010
1:8
1:8 (Typ. 112mS)
011
1:16
1:16 (Typ. 224mS)
100
1:32
1:32 (Typ. 448mS)
101
1:64
1:64 (Typ. 896mS)
110
1:128
1:128 (Typ. 1792mS)
111
1:256
1:256 (Typ. 3584mS)
W = Writable bit
-n = Value at POR reset
ADDRESS ; 03H
RESET VALUE : 0011_1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com