Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS77C1001 Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 8Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 9Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 10Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 11Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 12Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 13Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 14Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 15Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
9
7. ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
Supply voltage .............................................. -0 to +7.5 V
Storage Temperature ................................-65 to +125
°C
Voltage on RESET with respect to VSS .......0.3 to 13.5V
Voltage on any pin with respect to VSS.-0.3 to VDD+0.3
Maximum current out of VSS pin ........................150 mA
Maximum current into VDD pin ..........................100 mA
Maximum output current sunk by (IOL per I/O Pin)25 mA
Maximum output current sourced by (IOH per I/O Pin)
...............................................................................20 mA
Maximum current (
ΣIOL) .................................... 120 mA
Maximum current (
ΣIOH)...................................... 80 mA
Note: Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional op-
eration of the device at any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods
may affect device reliability.
7.2 Recommended Operating Conditions
Parameter
Symbol
Condition
Specifications
Unit
Min.
Max.
Supply Voltage
VDD
fXIN=20MHz
4.5
5.5
V
fXIN=4MHz
2.5
5.5
Operating Frequency
fXIN
RC Mode
0.2
4
MHz
XT Mode
0.455
4
HF Mode
4
20
LF Mode
32
200
KHz
Operating Temperature
TOPR
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com