Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS77C1001 Datasheet(PDF) 28 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 28 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 24Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 25Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 26Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 27Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 28Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 29Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 30Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 31Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 32Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
25
11. TIMER0 MODULE AND TMR0 REGISTER
The Timer0 module has the following features:
•
8-bit timer/counter register, TMR0
• 8-bit software programmable prescaler
• Internal or external clock select
• Edge select for external clock
Figure 11-1 is a simplified block diagram of the Timer0
module, while Figure 11-2 shows the electrical structure of
the Timer0 input.
FIGURE 11-1 BLOCK DIAGRAM OF THE TIMER0/WDT PRESCALER
FIGURE 11-2 ELECTRICAL STRUCTURE OF EC0 PIN
TCY ( = FOSC/4)
1
8-bit Prescaler
EC0
pin
0
Sync with
Internal
Clocks
TMR0 reg
8
Data bus
(2cycle delay)
T0SE
8
T0CS
MUX
0
1
MUX
1
0
PSA
MUX
8 - to - 1 MUX
Watchdog
Timer
MUX
PS2:PS0
PSA
PSA
1
0
WDT Time-Out
WDT Enable bit
clear
ECO
P
N
pin
RIN
Schmitt Trigger
Input Buffer
(1)
Note 1: ESD protection circuits
Noise Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com