Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS77C1001 Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 26Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 27Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 28Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 29Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 30Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 31Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 32Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 33Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
27
Legend: x = unknown, u = unchanged.
11.3 Using Timer0 with an External Clock
When an external clock input is used for Timer0, it must
meet certain requirements. The external clock requirement
is due to internal phase clock (TOSC) synchronization. Al-
so, there is a delay in the actual incrementing of Timer0 af-
ter synchronization.
11.3.1 External Clock Synchronization
The synchronization of EC0 input with the internal phase
clocks is accomplished by sampling EC0 clock or the pres-
caler output on the Q2 and Q4 falling of the internal phase
clocks.
After the synchronization, counter increments on the next
instruction cycle (Q4). There is a small delay from the time
the external clock edge occurs to the time the Timer0 mod-
ule is actually incrementing. Figure 11-5 shows the syn-
chronization and the increment of the counter mode.
• EC0 clock specification
- No Prescaler (PSA = 0)
High or low time(min)
≥ 2TXIN + 20ns
- With Prescaler (PSA = 1)
High or low time(min)
≥ 4TXIN + 40ns
But, there is a noise filter on the EC0 pin, the minimum low
or high time(10ns) should be required.
11.3.2 Timer0 Increment Delay
Since the prescaler output is synchronized with the internal
clocks, there is a small delay from the time the external
clock edge occurs to the time the Timer0 module is actual-
ly incrementing. Figure 11-5 shows the delay from the ex-
ternal clock edge to the timer incrementing.
11.4 Prescaler
The prescaler may be used by either the Timer0 module or
the Watchdog Timer, but not both. Thus, a prescaler as-
signment for the Timer0 module means that there is no
prescaler for the WDT, and vice-versa.
The prescaler assignment is controlled in software by the
control bit PSA (OPTION<3>). Clearing the PSA bit will
assign the prescaler to Timer0. The prescaler is neither
readable nor writable.
The PSA and PS2:PS0 bits (OPTION<3:0>) determine
prescaler assignment and prescale ratio. When the prescal-
er is assigned to the Timer0 module, prescale values of 1:2,
Name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Power-On
Reset
RESET and
WDT Reset
TMR0
01H
8-bit real-time clock/counter
xxxx xxxx
uuuu uuuu
OPTION N/A
LOWOPT
PFDEN
T0CS
T0SE
PSA
PS2
PS1
PS0
0011 1111
0011 1111
TABLE 11-1 REGISTERS ASSOCIATED WITH TIMER0
FIGURE 11-5 TIMER0 TIMING WITH EXTERNAL CLOCK
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
T0
T0+1
Note 1: Delay from clock input change to TMR0 increment is 3TXIN to 7TXIN . (Duration of Q = TXIN).
Q1 Q2 Q3 Q4
T0+2
External Clock Input or
Prescaler Output(2)
External Clock/Prescaler
Output After Sampling
Increment TMR0 (Q4)
TMR0
Small Pulse
misses sampling
(1)
(3)
Therefore, the error in measuring the interval between two edges on TMR0 input =
±4TXIN max.
2: External clock if no prescaler selected, prescaler output otherwise.
3: The arrows indicate the points in time where sampling occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com