Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS77C1001 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 35Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 36Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 37Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 38Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 39Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 40Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 41Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 42Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
GMS77C1000/GMS77C1001
36
July. 2001 Ver. 1.1
15. WATCHDOG TIMER (WDT)
The Watchdog Timer (WDT) is a free running on-chip RC
oscillator which does not require any external components.
This RC oscillator is separate from the RC oscillator of the
XIN pin. That means that the WDT will run even if the
clock on the XIN and XOUT pins have been stopped, for ex-
ample, by execution of a SLEEP instruction. During nor-
mal operation or SLEEP, a WDT reset or wake-up reset
generates a device RESET.
The TO bit (STATUS<4>) will be cleared upon a Watch-
dog Timer reset.
The WDT can be permanently disabled by programming
the configuration bit WDTE as a '0' (Figure 12-2). Refer to
the GMS77C100X Programming Specifications to deter-
mine how to access the configuration word.
15.1 WDT Period
The WDT has a nominal time-out period of 14 ms, (with
no prescaler). If a longer time-out period is desired, a pres-
caler with a division ratio of up to 1:256 can be assigned to
the WDT (under software control) by writing to the OP-
TION register. Thus, time-out a period of a nominal 3.5
seconds can be realized. These periods vary with tempera-
ture, VDD and part-to-part process variations (see DC
specs).
Under worst case conditions (VDD = Min., Temperature =
Max., max. WDT prescaler), it may take several seconds
before a WDT time-out occurs.
15.2 WDT Programming Considerations
The CLRWDT instruction clears the WDT and the
postscaler, if assigned to the WDT, and prevents it from
timing out and generating a device RESET.
The SLEEP instruction resets the WDT and the postscaler,
if assigned to the WDT. This gives the maximum SLEEP
time before a WDT wake-up reset.
FIGURE 15-1 WATCHDOG TIMER BLOCK DIAGRAM
Name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Power-On
Reset
RESET and
WDT Reset
OPTION
N/A
LOWOPT
PFDEN
T0CS
T0SE
PSA
PS2
PS1
PS0
0011 1111
0011 1111
TABLE 15-1 SUMMARY OF REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER
Postscaler
8
1
0
PSA
MUX
8 - to - 1 MUX
8-bit asynchronous
ripple counter
MUX
PS2:PS0
PSA
1
0
WDT Time-Out
To TMR0
From TMR0 Clock Source
clear
on-chip
RC-OSC
Watchdog Timer
enable
WDTE
SLEEP
clearing WDT
SLEEP
clearing WDT
PSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com