Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS77C1001 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 9Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 10Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 11Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 12Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 13Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 14Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 15Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 16Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
GMS77C1000/GMS77C1001
10
July. 2001 Ver. 1.1
7.3 DC Characteristics (1)
• (TA=-40°
°°°C~+85°°°°C)
Parameter
Symbol
Test Condition
Specification
Unit
Min
Typ1
1.
Data in “Typ” column is at 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Max
Supply Voltage
VDD
V
XT, RC, LF
2.5
5.5
HF
4.5
5.5
VDD start voltage to ensure
Power-On Reset
VPOR
-
VSS
-V
VDD rise rate
SVDD2
2.
This parameter is characterized but not tested.
0.05
-
-
V/mS
RAM Data Retention
Voltage
VDR
-1.5
-
V
Power Fail Detection
VPFD
V
Normal Level
-
3
-
Low Level
-
2.5
-
Supply Current
IDD3
3.
The test conditions for all IDD measurements in NOP execution are:
XIN = external square wave; all I/O pins tristated, pulled to VSS, EC0 = VDD, RESET = VDD; WDT disabled/enabled as specified.
XT, RC4
4.
Does not include current through Rext. The current through the resistor can be estimated by the formula; IR = VDD/2Rext (mA)
XIN = 4MHz, VDD = 5V
-1.8
3.3
mA
HF
XIN = 20MHz, VDD = 5V
-9.0
20
mA
LF
XIN = 32KHz, VDD = 3V, WDT Disabled
-17
40
uA
Power Down Current
IPD5
5.
Power down current is measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS as
like measurement conditions of supply current.
VDD = 3V, WDT Enabled
-10
20
uA
VDD = 3V, WDT Disabled
-0.25
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com