Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9737ABBCZ
Description  RF Digital-to-Analog Converters
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 4 Page - Analog Devices

  AD9737ABBCZ Datasheet HTML 1Page - Analog Devices AD9737ABBCZ Datasheet HTML 2Page - Analog Devices AD9737ABBCZ Datasheet HTML 3Page - Analog Devices AD9737ABBCZ Datasheet HTML 4Page - Analog Devices AD9737ABBCZ Datasheet HTML 5Page - Analog Devices AD9737ABBCZ Datasheet HTML 6Page - Analog Devices AD9737ABBCZ Datasheet HTML 7Page - Analog Devices AD9737ABBCZ Datasheet HTML 8Page - Analog Devices AD9737ABBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. D | Page 4 of 64
SPECIFICATIONS
DC SPECIFICATIONS
VDDA = VDD33 = 3.3 V, VDDC = VDD = 1.8 V, IOUTFS = 20 mA.
Table 1.
AD9737A
AD9739A
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
11
14
Bits
ACCURACY
Integral Nonlinearity (INL)
±0.5
±2.5
LSB
Differential Nonlinearity (DNL)
±0.5
±2.0
LSB
ANALOG OUTPUTS
Gain Error (with Internal Reference)
5.5
5.5
%
Full-Scale Output Current
8.66
20.2
31.66
8.66
20.2
31.66
mA
Output Compliance Range
−1.0
+1.0
−1.0
+1.0
V
Common-Mode Output Resistance
10
10
MΩ
Differential Output Resistance
70
70
Output Capacitance
1
1
pF
DAC CLOCK INPUT (DACCLK_P, DACCLK_N)
Differential Peak-to-Peak Voltage
1.2
1.6
2.0
1.2
1.6
2.0
V
Common-Mode Voltage
900
900
mV
Clock Rate
1.6
2.5
1.6
2.5
GHz
TEMPERATURE DRIFT
Gain
60
60
ppm/°C
Reference Voltage
20
20
ppm/°C
REFERENCE
Internal Reference Voltage
1.15
1.2
1.25
1.15
1.2
1.25
V
Output Resistance
5
5
kΩ
ANALOG SUPPLY VOLTAGES
VDDA
3.1
3.3
3.5
3.1
3.3
3.5
V
VDDC
1.70
1.8
1.90
1.70
1.8
1.90
V
DIGITAL SUPPLY VOLTAGES
VDD33
3.10
3.3
3.5
3.10
3.3
3.5
V
VDD
1.70
1.8
1.90
1.70
1.8
1.90
V
SUPPLY CURRENTS AND POWER DISSIPATION, 2.0 GSPS
IVDDA
37
38
37
38
mA
IVDDC
158
167
158
167
mA
IVDD33
14.5
16
14.5
16
mA
IVDD
173
183
173
183
mA
Power Dissipation
0.770
0.770
W
Sleep Mode, IVDDA
2.5
2.75
2.5
2.75
mA
Power-Down Mode (All Power-Down Bits Set in Register 0x01 and
Register 0x02)
IVDDA
0.02
0.02
mA
IVDDC
6
6
mA
IVDD33
0.6
0.6
mA
IVDD
0.1
0.1
mA
SUPPLY CURRENTS AND POWER DISSIPATION, 2.5 GSPS
IVDDC
223
223
mA
IVDD33
14.5
14.5
mA
IVDD
215
215
mA
Power Dissipation
0.960
0.960
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com