Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9737ABBCZ
Description  RF Digital-to-Analog Converters
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 12Page - Analog Devices AD9737ABBCZ Datasheet HTML 13Page - Analog Devices AD9737ABBCZ Datasheet HTML 14Page - Analog Devices AD9737ABBCZ Datasheet HTML 15Page - Analog Devices AD9737ABBCZ Datasheet HTML 16Page - Analog Devices AD9737ABBCZ Datasheet HTML 17Page - Analog Devices AD9737ABBCZ Datasheet HTML 18Page - Analog Devices AD9737ABBCZ Datasheet HTML 19Page - Analog Devices AD9737ABBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. D | Page 16 of 64
fDAC = 2 GSPS, IOUTFS = 20 mA, nominal supplies, TA = 25°C, unless otherwise noted.
90
30
0
200
300
100
400
600
700
500
900
800
1000
fOUT (MHz)
35
40
45
50
55
60
65
70
75
80
85
–3dBFS
0dBFS
–6dBFS
Figure 21. SFDR vs. fOUT over Digital Full Scale
90
30
0
200
400
600
800
1000
fOUT (MHz)
40
50
60
70
80
–3dBFS
0dBFS
–6dBFS
Figure 22. SFDR for Second Harmonic vs. fOUT over Digital Full Scale
90
30
0
200
400
600
800
1000
fOUT (MHz)
40
50
60
70
80
0dBFS
–6dBFS
–3dBFS
Figure 23. SFDR for Third Harmonic vs. fOUT over Digital Full Scale
100
40
0
1000
fOUT (MHz)
0dBFS
45
50
55
60
65
70
75
80
85
90
95
100
200
300
400
500
600
700
800
900
–3dBFS
–6dBFS
Figure 24. IMD vs. fOUT over Digital Full Scale
30
40
35
0
1000
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
100
200
300
400
500
600
700
800
900
30mA FS
10mA FS
20mA FS
Figure 25. SFDR vs. fOUT over DAC IOUTFS
40
0
1000
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
100
100
200
300
400
500
600
700
800
900
20mA FS
30mA FS
10mA FS
Figure 26. IMD vs. fOUT over DAC IOUTFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com