Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9737ABBCZ
Description  RF Digital-to-Analog Converters
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9737ABBCZ Datasheet HTML 1Page - Analog Devices AD9737ABBCZ Datasheet HTML 2Page - Analog Devices AD9737ABBCZ Datasheet HTML 3Page - Analog Devices AD9737ABBCZ Datasheet HTML 4Page - Analog Devices AD9737ABBCZ Datasheet HTML 5Page - Analog Devices AD9737ABBCZ Datasheet HTML 6Page - Analog Devices AD9737ABBCZ Datasheet HTML 7Page - Analog Devices AD9737ABBCZ Datasheet HTML 8Page - Analog Devices AD9737ABBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. D | Page 5 of 64
LVDS DIGITAL SPECIFICATIONS
VDDA = VDD33 = 3.3 V, VDDC = VDD = 1.8 V, IOUTFS = 20 mA. LVDS drivers and receivers are compliant to the IEEE Standard 1596.3-
1996 reduced range link, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
LVDS DATA INPUTS (DB0[13:0], DB1[13:0])1
Input Common-Mode Voltage Range, VCOM
825
1575
mV
Logic High Differential Input Threshold, VIH_DTH
175
400
mV
Logic Low Differential Input Threshold, VIL_DTH
−175
−400
mV
Receiver Differential Input Impedance, RIN
80
120
Input Capacitance
1.2
pF
LVDS Input Rate
1250
MSPS
LVDS Minimum Data Valid Period (tMDE) (See Figure 159)
344
ps
LVDS CLOCK INPUT (DCI)2
Input Common-Mode Voltage Range, VCOM
825
1575
mV
Logic High Differential Input Threshold, VIH_DTH
175
400
mV
Logic Low Differential Input Threshold, VIL_DTH
−175
−400
mV
Receiver Differential Input Impedance, RIN
80
120
Input Capacitance
1.2
pF
Maximum Clock Rate
625
MHz
LVDS CLOCK OUTPUT (DCO)3
Output Voltage High (DCO_P or DCO_N)
1375
mV
Output Voltage Low (DCO_P or DCO_N)
1025
mV
Output Differential Voltage, |VOD|
150
200
250
mV
Output Offset Voltage, VOS
1150
1250
mV
Output Impedance, Single-Ended, RO
80
100
120
RO Single-Ended Mismatch
10
%
Maximum Clock Rate
625
MHz
1 DB0[x]P, DB0[x]N, DB1[x]P, and DB1[x]N pins.
2 DCI_P and DCI_N pins.
3 DCO_P and DCO_N pins with 100 Ω differential termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com