Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9737ABBCZ
Description  RF Digital-to-Analog Converters
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 3Page - Analog Devices AD9737ABBCZ Datasheet HTML 4Page - Analog Devices AD9737ABBCZ Datasheet HTML 5Page - Analog Devices AD9737ABBCZ Datasheet HTML 6Page - Analog Devices AD9737ABBCZ Datasheet HTML 7Page - Analog Devices AD9737ABBCZ Datasheet HTML 8Page - Analog Devices AD9737ABBCZ Datasheet HTML 9Page - Analog Devices AD9737ABBCZ Datasheet HTML 10Page - Analog Devices AD9737ABBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. D | Page 7 of 64
AC SPECIFICATIONS
VDDA = VDD33 = 3.3 V, VDDC = VDD = 1.8 V, IOUTFS = 20 mA, fDAC = 2400 MSPS, unless otherwise noted.
Table 4.
AD9737A
AD9739A
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
DAC Clock Rate
1600
2500
1600
2500
MSPS
Adjusted DAC Update Rate1
1600
2500
1600
2500
MSPS
Output Settling Time to 0.1%
13
13
ns
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fOUT = 100 MHz
70
70
dBc
fOUT = 350 MHz
65
65
dBc
fOUT = 550 MHz
58
58
dBc
fOUT = 950 MHz
55
55
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD),
fOUT2 = fOUT1 + 1.25 MHz
fOUT = 100 MHz
94
94
dBc
fOUT = 350 MHz
78
78
dBc
fOUT = 550 MHz
72
72
dBc
fOUT = 950 MHz
68
68
dBc
NOISE SPECTRAL DENSITY (NSD), 0 dBFS SINGLE TONE
fOUT = 100 MHz
−162
−167
dBm/Hz
fOUT = 350 MHz
−162
−166
dBm/Hz
fOUT = 550 MHz
−161
−164
dBm/Hz
fOUT = 850 MHz
−161
−163
dBm/Hz
WCDMA ACLR (SINGLE CARRIER), ADJACENT/ALTERNATE
ADJACENT CHANNEL
fDAC = 2457.6 MSPS, fOUT = 350 MHz
80/81
80/80
dBc
fDAC = 2457.6 MSPS, fOUT = 950 MHz
75/75
78/79
dBc
fDAC = 2457.6 MSPS, fOUT = 1700 MHz (Mix-Mode)
69/71
74/74
dBc
fDAC = 2457.6 MSPS, fOUT = 2100 MHz (Mix-Mode)
66/67
69/72
dBc
1 Adjusted DAC updated rate is calculated as fDAC divided by the minimum required interpolation factor. For the AD9737A/AD9739A, the minimum interpolation factor
is 1. Thus, with fDAC = 2500 MSPS, fDAC, adjusted, = 2500 MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com