Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9737ABBCZ
Description  RF Digital-to-Analog Converters
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD9737ABBCZ Datasheet HTML 1Page - Analog Devices AD9737ABBCZ Datasheet HTML 2Page - Analog Devices AD9737ABBCZ Datasheet HTML 3Page - Analog Devices AD9737ABBCZ Datasheet HTML 4Page - Analog Devices AD9737ABBCZ Datasheet HTML 5Page - Analog Devices AD9737ABBCZ Datasheet HTML 6Page - Analog Devices AD9737ABBCZ Datasheet HTML 7Page - Analog Devices AD9737ABBCZ Datasheet HTML 8Page - Analog Devices AD9737ABBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
11-/14-Bit, 2.5 GSPS,
RF Digital-to-Analog Converters
Data Sheet
AD9737A/AD9739A
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for itsuse,nor foranyinfringementsofpatentsor other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Direct RF synthesis at 2.5 GSPS update rate
DC to 1.25 GHz in baseband mode
1.25 GHz to 3.0 GHz in mix-mode
Industry leading single/multicarrier IF or RF synthesis
Dual-port LVDS data interface
Up to 1.25 GSPS operation
Source synchronous DDR clocking
Pin compatible with the AD9739
Programmable output current: 8.7 mA to 31.7 mA
Low power: 1.1 W at 2.5 GSPS
APPLICATIONS
Broadband communications systems
DOCSIS CMTS systems
Military jammers
Instrumentation, automatic test equipment
Radar, avionics
FUNCTIONAL BLOCK DIAGRAM
DCI
SDO
SDIO
SCLK
CS
DACCLK
DCO
CLK DISTRIBUTION฀
(DIV-BY-4)
SPI
RESET
DLL
(MU CONTROLLER)
IOUTN
IOUTP
VREF
I120
IRQ
1.2V
DAC BIAS
AD9737A/AD9739A
TxDAC
CORE
Figure 1.
GENERAL DESCRIPTION
The AD9737A/AD9739A are 11-bit and 14-bit, 2.5 GSPS high
performance RF DACs that are capable of synthesizing wideband
signals from dc up to 3 GHz. The AD9737A/AD9739A are pin
and functionally compatible with the AD9739 with the
exception that the AD9737A/AD9739A do not support
synchronization or RZ mode, and are specified to operate
between 1.6 GSPS and 2.5 GSPS.
By elimination of the synchronization circuitry, some nonideal
artifacts such as images and discrete clock spurs remain stationary
on the AD9737A/AD9739A between power-up cycles, thus
allowing for possible system calibration. AC linearity and noise
performance remain the same between the AD9739 and the
AD9737A/AD9739A.
The inclusion of on-chip controllers simplifies system integration.
A dual-port, source synchronous, LVDS interface simplifies the
digital interface with existing FGPA/ASIC technology. On-chip
controllers are used to manage external and internal clock domain
variations over temperature to ensure reliable data transfer from
the host to the DAC core. A serial peripheral interface (SPI) is
used for device configuration as well as readback of status
registers.
The AD9737A/AD9739A are manufactured on a 0.18 µm
CMOS process and operate from 1.8 V and 3.3 V supplies.
They are supplied in a 160-ball chip scale ball grid array for
reduced package parasitics.
PRODUCT HIGHLIGHTS
1.
Ability to synthesize high quality wideband signals with
bandwidths of up to 1.25 GHz in the first or second
Nyquist zone.
2.
A proprietary quad-switch DAC architecture provides
exceptional ac linearity performance while enabling mix-
mode operation.
3.
A dual-port, double data rate, LVDS interface supports the
maximum conversion rate of 2500 MSPS.
4.
On-chip controllers manage external and internal clock
domain skews.
5.
Programmable differential current output with an 8.66 mA
to 31.66 mA range.


Similar Part No. - AD9737ABBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9737ABBCZ AD-AD9737ABBCZ Datasheet
2Mb / 64P
11-/14-Bit, 2.5 GSPS
REV. C
AD9737ABBCZRL AD-AD9737ABBCZRL Datasheet
2Mb / 64P
11-/14-Bit, 2.5 GSPS
REV. C
More results

Similar Description - AD9737ABBCZ

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HK12BGC-2 DATEL-DAC-HK12BGC-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMM-QL DATEL-DAC-HF12BMM-QL Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM-C DATEL-DAC-HF8BMM-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM DATEL-DAC-HF8BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com