Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9737ABBCZ
Description  RF Digital-to-Analog Converters
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 17Page - Analog Devices AD9737ABBCZ Datasheet HTML 18Page - Analog Devices AD9737ABBCZ Datasheet HTML 19Page - Analog Devices AD9737ABBCZ Datasheet HTML 20Page - Analog Devices AD9737ABBCZ Datasheet HTML 21Page - Analog Devices AD9737ABBCZ Datasheet HTML 22Page - Analog Devices AD9737ABBCZ Datasheet HTML 23Page - Analog Devices AD9737ABBCZ Datasheet HTML 24Page - Analog Devices AD9737ABBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. D | Page 21 of 64
FOUR-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
–30
–40
–50
–60
–70
–80
–90
–100
–110
VBW 2kHz
1
2
∆1
5
∆1
3
∆1
4
∆1
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–18.419dBm
–69.277dB
–71.485dB
–72.343dB
–59.518dB
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
Y
–18.419dBm
–69.252dB
–71.282dB
–72.100dB
–59.520dB
f
f
f
f
f
1
1
1
1
1
1
2
3
4
5
X
N
∆1
∆1
∆1
∆1
MODE
MKR
SCL
TRC
200.10MHz
221.35MHz
431.30MHz
651.70MHz
413.25MHz
Figure 48. Low Band Wideband ACLR
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
–30
–40
–50
–60
–70
–80
–90
–100
–110
VBW 2kHz
1
2
∆1
5
∆1
3
∆1
4
∆1
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–19.885dBm
–70.252dB
–69.581dB
–67.793dB
–58.085dB
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
Y
–19.885dBm
–70.252dB
–69.535dB
–67.793dB
–58.085dB
f
f
f
f
f
1
1
1
1
1
1
2
3
4
5
X
N
∆1
∆1
∆1
∆1
MODE
MKR
SCL
TRC
549.70MHz
–486.40MHz
126.35MHz
228.00MHz
63.65MHz
Figure 49. Mid Band Wideband ACLR
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
VBW 2kHz
1
2
∆1
5
∆1
6
∆1
3
∆1
4
∆1
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–21.676dBm
–62.206dB
–65.730dB
–67.064dB
–56.405dB
–65.729dB
6MHz
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
Y
–21.631dBm
–62.206dB
–65.730dB
–67.064dB
–56.405dB
–65.729dB
f
f
f
f
f
f
1
1
1
1
1
1
1
2
3
4
5
6
X
N
∆1
∆1
∆1
∆1
∆1
MODE
MKR
SCL
TRC
950.60MHz
–415.15MHz
–529.15MHz
–610.85MHz
–337.25MHz
–59.85MHz
Figure 50. High Band Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
CENTER 218MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–58.82
–73.28
–72.92
–73.50
–73.74
dBc
–10.82
–0.566
–0.123
–0.028
–53.18
dBm
–76.71
–91.17
–90.81
–91.39
–91.63
LOWER
dBm
–28.71
–18.46
–17.77
–17.86
–71.07
INTEG BW
750kHz
5.25kHz
6MHz
6MHz
6MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–17.892dBm/6MHz
ACP-IBW
–40
–50
–60
–70
–80
–90
–100
–110
–120
VBW 3kHz
–53.2dBc
0dBc
–73.5dBc
–72.9dBc
–73.7dBc
0.1dBc
–0.6dBc
–17.9dBc
–73.3dBc
Figure 51. Low Band Narrow-Band ACLR (Worse Side)
SPAN 54MHz
SWEEP 1.49s
CENTER 550MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–10.49
–0.526
–0.160
–0.024
–54.18
dBc
–58.29
–68.28
–68.47
–69.72
–70.64
dBm
–30.02
–20.06
–19.69
–19.56
–73.72
LOWER
dBm
–77.82
–87.81
–88.00
–89.25
–90.17
INTEG BW
750kHz
5.25kHz
6MHz
6MHz
6MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–17.892dBm/6MHz
ACP-IBW
–40
–50
–60
–70
–80
–90
–100
–110
–120
VBW 3kHz
–70.6dBc
–69.7dBc
0dBc
–0.2dBc
–54.2dBc
–68.5dBc
–68.3dBc
–19.5dBc
–0.5dBc
Figure 52. Mid Band Narrow-Band ACLR (Worse Side)
SPAN 54MHz
SWEEP 1.49s
CENTER 950MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–11.04
–0.437
–0.172
–0.098
–53.11
dBc
–59.52
–63.90
–64.29
–65.41
–66.57
dBm
–32.55
–21.95
–21.68
–21.41
–74.62
LOWER
dBm
–81.03
–85.41
–85.80
–86.92
–88.08
INTEG BW
750kHz
5.25kHz
6MHz
6MHz
6MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–21.510dBm/6MHz
ACP-IBW
–40
–50
–60
–70
–80
–90
–100
–110
–120
VBW 3kHz
–66.6dBc
–65.4dBc
0.1dBc
–0.2dBc
–53.1dBc
–64.3dBc
–63.9dBc
–21.5dBm
–0.4dBc
Figure 53. High Band Narrow-Band ACLR (Worse Side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com