Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9737ABBCZ
Description  RF Digital-to-Analog Converters
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 18Page - Analog Devices AD9737ABBCZ Datasheet HTML 19Page - Analog Devices AD9737ABBCZ Datasheet HTML 20Page - Analog Devices AD9737ABBCZ Datasheet HTML 21Page - Analog Devices AD9737ABBCZ Datasheet HTML 22Page - Analog Devices AD9737ABBCZ Datasheet HTML 23Page - Analog Devices AD9737ABBCZ Datasheet HTML 24Page - Analog Devices AD9737ABBCZ Datasheet HTML 25Page - Analog Devices AD9737ABBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. D | Page 22 of 64
EIGHT-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
–40
–50
–60
–70
–80
–90
–100
–120
–110
VBW 2kHz
1
2
∆1
3
∆1
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–22.253dBm
–66.457dB
–55.791dB
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
Y
–22.253dBm
–66.457dB
–55.791dB
f
f
f
1
1
1
1
2
3
X
N
∆1
∆1
MODE
MKR
SCL
TRC
200.10MHz
235.60MHz
431.25MHz
Figure 54. Low Band Wideband ACLR
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
VBW 2kHz
1
2
∆1
3
∆1
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–23.585dBm
–54.206dB
–66.628dB
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
Y
–23.586dBm
–54.209dB
–66.696dB
f
f
f
1
1
1
1
2
3
X
N
∆1
∆1
MODE
MKR
SCL
TRC
550.65MHz
62.70MHz
167.20MHz
Figure 55. Mid Band Wideband ACLR
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
VBW 2kHz
1
2
∆1
5
∆1
4
∆1
3
∆1
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–26.330dBm
–61.574dB
–63.268dB
–62.616dB
–51.728dB
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
Y
–26.330dBm
–61.549dB
–63.183dB
–62.616dB
–51.728dB
f
f
f
f
f
1
1
1
1
1
1
2
3
4
5
X
N
∆1
∆1
∆1
∆1
MODE
MKR
SCL
TRC
950.60MHz
–448.40MHz
–582.35MHz
–80.75MHz
–338.20MHz
Figure 56. High Band Wideband ACLR
SPAN 42MHz
SWEEP 1.159s
CENTER 200MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
dBc
–10.96
–0.572
–0.250
–0.186
dBc
–55.24
–70.28
–69.23
–69.11
dBm
–34.25
–23.86
–23.54
–23.47
LOWER
dBm
–78.53
–93.56
–92.52
–92.40
INTEG BW
750kHz
5.25MHz
6MHz
6MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
CARRIER POWER
–23.288dBm/6MHz
ACP-IBW
–40
–50
–60
–70
–80
–90
–100
–110
–120
VBW 3kHz
–69.1dBc
–69.2dBc
–70.3dBc
–23.3dBc
–0.6dBc
–0.2dBc
–0.3dBc
Figure 57. Low Band Narrow-Band ACLR (Worse Side)
SPAN 42MHz
SWEEP 1.159s
CENTER 592MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
dBc
–56.23
–66.75
–66.45
–66.78
dBc
–10.79
–0.089
–0.289
–0.145
dBm
–79.91
–90.43
–90.12
–90.46
LOWER
dBm
–34.47
–23.76
–23.39
–23.53
INTEG BW
750kHz
5.25kHz
6MHz
6MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
CARRIER POWER
–23.676dBm/6MHz
ACP-IBW
–40
–50
–60
–70
–80
–90
–100
–110
–120
VBW 3kHz
0.1dBc
0.3dBc
–66.8dBc
–66.4dBc
–0.1dBc
–23.7dBc
–66.8dBc
Figure 58. Mid Band Narrow-Band ACLR (Worse Side)
SPAN 54MHz
SWEEP 1.49s
CENTER 950MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–10.99
–0.366
–0.073
–0.053
–0.225
dBc
–60.71
–62.67
–62.21
–62.68
–63.49
dBm
–37.38
–26.75
–26.31
–26.33
–26.16
LOWER
dBm
–87.10
–89.06
–88.60
–89.07
–89.88
INTEG BW
750kHz
5.25kHz
6MHz
6MHz
6MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–26.388dBm/6MHz
ACP-IBW
–40
–50
–60
–70
–80
–90
–100
–110
–120
VBW 3kHz
–63.5dBc
–62.7dBc
0.1dBc
0.1dBc
0.2dBc
–62.2dBc
–62.7dBc
–26.4dBm
–0.4dBc
Figure 59. High Band Narrow-Band ACLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com