Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9737ABBCZ
Description  RF Digital-to-Analog Converters
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 19Page - Analog Devices AD9737ABBCZ Datasheet HTML 20Page - Analog Devices AD9737ABBCZ Datasheet HTML 21Page - Analog Devices AD9737ABBCZ Datasheet HTML 22Page - Analog Devices AD9737ABBCZ Datasheet HTML 23Page - Analog Devices AD9737ABBCZ Datasheet HTML 24Page - Analog Devices AD9737ABBCZ Datasheet HTML 25Page - Analog Devices AD9737ABBCZ Datasheet HTML 26Page - Analog Devices AD9737ABBCZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. D | Page 23 of 64
16-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–26.391dBm
–64.927dB
–65.369dB
–51.688dB
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
Y
–26.390dBm
–64.811dB
–65.150dB
–51.688dB
f
f
f
f
1
1
1
1
1
2
3
4
X
N
∆1
∆1
∆1
MODE
MKR
SCL
TRC
160.20MHz
80.75MHz
232.75MHz
452.20MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
2
∆1
3
∆1
4
∆1
Figure 60. Low Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–27.503dBm
–63.639dB
–62.631dB
–63.408dB
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
Y
–27.503dBm
–63.639dB
–62.748dB
–63.408dB
f
f
f
f
1
1
1
1
1
2
3
4
X
N
∆1
∆1
∆1
MODE
MKR
SCL
TRC
549.70MHz
–486.40MHz
126.35MHz
254.60MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
2
∆1
1
3
∆1
4
∆1
Figure 61. Mid Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–28.493dBm
–60.066dB
–61.070dB
–61.014dB
–49.417dB
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
(
∆)
Y
–28.493dBm
–60.066dB
–61.070dB
–61.014dB
–49.417dB
f
f
f
f
f
1
1
1
1
1
1
2
3
4
5
X
N
∆1
∆1
∆1
∆1
MODE
MKR
SCL
TRC
899.30MHz
–343.90MHz
–504.45MHz
–563.35MHz
–285.95MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
4
∆1 3∆1
5
∆1
2
∆1
1
Figure 62. High Band Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 160MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–61.30
–65.24
–63.93
–64.07
–64.08
dBm
–87.55
–91.49
–90.18
–90.32
–90.33
LOWER
dBc
–10.95
–0.314
–0.166
–0.125
–0.034
dBm
–37.20
–26.56
–26.42
–26.38
–26.28
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–25.250dBm/6MHz
ACP-IBW
0.0dBc
–0.1dBc
–0.2dBc
–0.3dBc
–26.3dBm
–65.2dBc
–63.9dBc
–64.1dBc
–64.1dBc
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 63. Low Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 640MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–60.24
–63.87
–62.76
–63.08
–63.33
dBm
–87.62
–91.26
–90.15
–90.46
–90.72
LOWER
dBc
–11.65
–0.239
–0.199
–0.282
–0.288
dBm
–39.04
–27.63
–27.19
–27.10
–27.10
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–27.386dBm/6MHz
ACP-IBW
0.3dBc
0.3dBc
0.2dBc
–0.2dBc
–27.4dBm
–63.9dBc
–62.8dBc
–63.3dBc
–63.1dBc
–45
–55
–65
–75
–85
–95
–105
–115
–125
Figure 64. Mid Band Narrow-Band ACLR (Worse Side)
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 900MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–11.14
–0.446
–0.271
–0.318
–0.147
dBm
–39.25
–28.56
–28.38
–28.43
–28.26
LOWER
dBc
–58.27
–61.84
–61.30
–62.11
–62.66
dBm
–86.38
–89.95
–89.42
–90.22
–90.77
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–28.112dBm/6MHz
ACP-IBW
–62.7dBc
–62.1dBc
–61.3dBc
61.8dBc
–28.1dBm
––0.4dBc
–0.3dBc
–0.1dBc
–0.3dBc
–45
–55
–65
–75
–85
–95
–105
–115
–125
Figure 65. High Band Narrow-Band ACLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com