Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9737ABBCZ
Description  RF Digital-to-Analog Converters
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 15Page - Analog Devices AD9737ABBCZ Datasheet HTML 16Page - Analog Devices AD9737ABBCZ Datasheet HTML 17Page - Analog Devices AD9737ABBCZ Datasheet HTML 18Page - Analog Devices AD9737ABBCZ Datasheet HTML 19Page - Analog Devices AD9737ABBCZ Datasheet HTML 20Page - Analog Devices AD9737ABBCZ Datasheet HTML 21Page - Analog Devices AD9737ABBCZ Datasheet HTML 22Page - Analog Devices AD9737ABBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. D | Page 19 of 64
fDAC = 2.1 GSPS, IOUTFS = 20 mA, nominal supplies, TA = 25°C, unless otherwise noted.
SPAN 54.68MHz
SWEEP 1.509s
CENTER 2.808MHz
#RES BW 30kHz
UPPER
FILTER
ON
ON
ON
ON
ON
dBc
–65.56
–65.82
–65.98
–66.06
–66.14
dBc
–65.65
–65.70
–65.81
–65.84
–65.84
dBm
–94.72
–94.98
–95.14
–95.22
–95.31
LOWER
dBm
–94.81
–94.86
–94.97
–95.00
–95.00
INTEG BW
3.840MHz
3.840MHz
3.840MHz
3.840MHz
3.840MHz
OFFSET FREQ
5.000MHz
10.00MHz
15.00MHz
20.00MHz
25.00MHz
CARRIER POWER
–26.161dBm/3.84MHz
ACP-IBW
–45
–55
–65
–75
–85
–95
–115
–105
–125
VBW 3kHz
–66.1dBc –66.1dBc
–65.8dBc –65.7dBc
–65.6dBc –29.2dBm
–65.8dBc
–65.8dBc
–65.6dBc
–65.8dBc –66.0dBc
Figure 39. Typical Single-Carrier WCDMA ACLR Performance at 2.8 GHz,
fDAC = 2457.6 MSPS (Third Nyquist Zone)
SPAN 69.68MHz
SWEEP 1.922s
CENTER 2.108MHz
#RES BW 30kHz
UPPER
FILTER
ON
ON
ON
ON
ON
dBc
–64.93
–64.26
–65.21
–65.74
–66.13
dBc
–65.42
–64.93
–65.12
–65.24
–65.61
dBm
–92.23
–91.56
–92.50
–93.04
–93.42
LOWER
dBm
–92.72
–92.23
–92.42
–92.53
–92.91
INTEG BW
3.840MHz
3.840MHz
3.840MHz
3.840MHz
3.840MHz
OFFSET FREQ
5.000MHz
10.00MHz
15.00MHz
20.00MHz
25.00MHz
CARRIER POWER
–21.446dBm/15.36MHz
ACP-IBW
–50
–60
–70
–80
–90
–100
–120
–110
–130
VBW 3kHz
–65.2dBc
–65.4dBc
–27.6dBm
–27.6dBm
–27.3dBm
–27.4dBm
–64.9dBc
–64.9dBc
–64.3dBc
–65.7dBc
–66.1dBc
–65.1dBc
–65.2dBc
–65.6dBc
Figure 40. Typical Four-Carrier WCDMA ACLR Performance at 2.1 GHz,
fDAC = 2457.6 MSPS (Second Nyquist Zone)
SPAN 69.68MHz
SWEEP 1.922s
CENTER 2.808MHz
#RES BW 30kHz
UPPER
FILTER
ON
ON
ON
ON
ON
dBc
–58.20
–58.15
–58.26
–58.33
–58.21
dBc
–58.05
–57.95
–57.95
–57.97
–58.05
dBm
–95.26
–95.21
–95.32
–95.39
–95.27
LOWER
dBm
–95.11
–95.02
–95.01
–95.04
–95.11
INTEG BW
3.840MHz
3.840MHz
3.840MHz
3.840MHz
3.840MHz
OFFSET FREQ
5.000MHz
10.00MHz
15.00MHz
20.00MHz
25.00MHz
CARRIER POWER
–31.097dBm/15.36MHz
ACP-IBW
–60
–70
–80
–90
–100
–110
–130
–120
–140
VBW 3kHz
–58.3dBc
–58.0dBc
–37.4dBm
–37.1dBm
–37.1dBm
–36.9dBm
–58.2dBc
–58.0dBc
–58.1dBc
–58.3dBc
–58.2dBc
–57.9dBc
–58.0dBc
–58.0dBc
Figure 41. Typical Four-Carrier WCDMA ACLR Performance at 2.8 GHz,
fDAC = 2457.6 MSPS (Third Nyquist Zone)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com