Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5669RBCBZ-1-R5 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5669RBCBZ-1-R5
Description  Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5669RBCBZ-1-R5 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5669RBCBZ-1-R5 Datasheet HTML 22Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 23Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 24Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 25Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 26Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 27Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 28Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 29Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
AD5629R/AD5669R
Data Sheet
Rev. F | Page 26 of 30
POWER-DOWN MODES
The AD5629R/AD5669R contain four separate modes of
operation. Command 0100 is reserved for the power-down
function (see Table 8). These modes are software-programmable
by setting two bits, Bit DB9 and Bit DB8, in the control register.
Table 12 shows how the state of the bits corresponds to the
mode of operation of the device. Any or all DACs (DAC H to
DAC A) can be powered down to the selected mode by setting
the corresponding eight bits (DB7 to DB0) to 1. See Table 13 for
the contents of the input shift register during power-down/power-
up operation.
When both bits are set to 0, the part works normally with its
normal power consumption of 1.3 mA at 5 V. However, for the
three power-down modes, the supply current falls to 0.4 µA at
5 V (0.2 µA at 3 V). Not only does the supply current fall, but
the output stage is also internally switched from the output of
the amplifier to a resistor network of known values. This has the
advantage that the output impedance of the part is known while
the part is in power-down mode. There are three different
options. The output is connected internally to GND through
either a 1 kΩ or a 100 kΩ resistor, or it is left open-circuited
(three-state). The output stage is illustrated in Figure 55.
RESISTOR
NETWORK
VOUT
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 55. Output Stage During Power-Down
The bias generator of the selected DAC(s), output amplifier,
resistor string, and other associated linear circuitry is shut down
when the power-down mode is activated. The internal reference
is powered down only when all channels are powered down.
However, the contents of the DAC register are unaffected when
in power-down. The time to exit power-down is typically 4 µs
for VDD = 5 V and for VDD = 3 V.
Any combination of DACs can be powered up by setting PD1
and PD0 to 0 (normal operation). The output powers up to the
value in the input register (LDAC low) or to the value in the
DAC register before powering down (LDAC high).
CLEAR CODE REGISTER
The AD5629R/AD5669R have a hardware CLR pin that is an
asynchronous clear input. The CLR input is falling edge sensitive.
Bringing the CLR line low clears the contents of the input
register and the DAC registers to the data contained in the user-
configurable CLR register and sets the analog outputs accordingly.
This function can be used in system calibration to load zero scale,
midscale, or full scale to all channels together. These clear code
values are user-programmable by setting two bits, Bit DB1 and
Bit DB0, in the CLR control register (see Table 15). The default
setting clears the outputs to 0 V. Command 0101 is reserved for
loading the clear code register (see Table 8).
The part exits clear code mode at the end of the next valid write
to the part. If CLR is activated during a write sequence, the write
is aborted.
The CLR pulse activation time (the falling edge of CLR to when
the output starts to change) is typically 280 ns. However, if
outside the DAC linear region, it typically takes 520 ns after
executing CLR for the output to start changing (see Figure 44).
See Table 14 for the contents of the input shift register during
the loading clear code register operation.
Table 10. Internal Reference Register
Internal REF Register (DB0)
Action
0
Reference off (default)
1
Reference on
Table 11. 32-Bit Input Shift Register Contents for Reference Set-Up Command
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB1
DB0
1
0
0
0
X
X
X
X
X
1/0
Command bits (C3 to C0)
Address bits (A3 to A0)—don’t cares
Don’t cares
Internal REF on/off
Table 12. Power-Down Modes of Operation
DB9
DB8
Operating Mode
0
0
Normal operation
Power-down modes
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com