Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5669RBCBZ-1-R5 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5669RBCBZ-1-R5
Description  Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5669RBCBZ-1-R5 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5669RBCBZ-1-R5 Datasheet HTML 18Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 19Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 20Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 21Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 22Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 23Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 24Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 25Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
AD5629R/AD5669R
Data Sheet
Rev. F | Page 22 of 30
OUTPUT AMPLIFIER
The output buffer amplifier can generate rail-to-rail voltages on
its output, which gives an output range of 0 V to VDD. The amplifier
is capable of driving a load of 2 kΩ in parallel with 1000 pF to
GND. The source and sink capabilities of the output amplifier
can be seen in Figure 25 and Figure 26. The slew rate is 1.5 V/µs
with a ¼ to ¾ scale settling time of 10 µs.
SERIAL INTERFACE
The AD5629R/AD5669R have 2-wire I2C-compatible serial
interfaces (refer to The I2
C-Bus Specification, Version 2.1,
January 2000, available from Philips Semiconductor). The
AD5629R/AD5669R can be connected to an I2C bus as a slave
device under the control of a master device. See Figure 2 for a
timing diagram of a typical write sequence.
The AD5629R/AD5669R support standard (100 kHz) and fast
(400 kHz) modes. High speed operation is only available on
selected models. See the Ordering Guide for a full list of
models. Support is not provided for 10-bit addressing and
general call addressing.
The AD5629R/AD5669R each have a 7-bit slave address. The
parts have a slave address whose five MSBs are 10101, and the
two LSBs are set by the state of the A0 address pin, which
determines the state of the A0 and A1 address bits.
The facility to make hardwired changes to the A0 pin allows the
user to incorporate up to three of these devices on one bus, as
outlined in Table 7.
Table 7. ADDR Pin Settings
A0 Pin Connection
A1
A0
VDD
0
0
NC
1
0
GND
1
1
The 2-wire serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a start
condition when a high-to-low transition on the SDA line
occurs while SCL is high. The following byte is the address
byte, which consists of the 7-bit slave address. The slave
address corresponding to the transmitted address responds
by pulling SDA low during the ninth clock pulse (this is
termed the acknowledge bit). At this stage, all other devices
on the bus remain idle while the selected device waits for
data to be written to or read from its shift register.
2. Data is transmitted over the serial bus in sequences of nine
clock pulses (eight data bits followed by an acknowledge
bit). The transitions on the SDA line must occur during
the low period of SCL and remain stable during the high
period of SCL.
3. When all data bits have been read or written, a stop
condition is established. In write mode, the master pulls
the SDA line high during the 10th clock pulse to establish
a stop condition. If a stop condition is generated between
the 7th and 8th clock pulse of the I2C address frame, a power
cycle is required to recover the part. In read mode, the master
issues a no acknowledge for the ninth clock pulse (that is,
the SDA line remains high). The master brings the SDA
line low before the 10th clock pulse and then high during
the 10th clock pulse to establish a stop condition.
WRITE OPERATION
When writing to the AD5629R/AD5669R, the user must begin
with a start command followed by an address byte (R/W = 0),
after which the DAC acknowledges that it is prepared to receive
data by pulling SDA low. The AD5629R/AD5669R require two
bytes of data for the DAC and a command byte that controls
various DAC functions. Three bytes of data must, therefore, be
written to the DAC, the command byte followed by the most
significant data byte and the least significant data byte, as shown in
Figure 51. After these data bytes are acknowledged by the
AD5629R/AD5669R, a stop condition follows.
READ OPERATION
When reading data back from the AD5629R/AD5669R, the
user begins with a start command followed by an address byte
(R/W = 1), after which the DAC acknowledges that it is prepared
to transmit data by pulling SDA low. Three bytes of data are then
read from the DAC, the first two of which are both acknowledged
by the master as shown in Figure 52. A stop condition follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com