Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5669RBCBZ-1-R5 Datasheet(PDF) 30 Page - Analog Devices

Part # AD5669RBCBZ-1-R5
Description  Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5669RBCBZ-1-R5 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5669RBCBZ-1-R5 Datasheet HTML 22Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 23Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 24Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 25Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 26Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 27Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 28Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 29Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
AD5629R/AD5669R
Data Sheet
Rev. F | Page 30 of 30
A
B
C
D
0.650
0.595
0.540
SIDE VIEW
0.270
0.240
0.210
0.340
0.320
0.300
COPLANARITY
0.05
SEATING
PLANE
1
2
3
4
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
BALL A1
IDENTIFIER
0.50
REF
1.50
REF
2.645
2.605 SQ
2.565
Figure 58. 16-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-16-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Power-On
Reset to Code
Accuracy
Internal
Reference
AD5629RARUZ-1
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±4 LSB INL
1.25 V
AD5629RARUZ-1-RL7
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±4 LSB INL
1.25 V
AD5629RBRUZ-2
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±1 LSB INL
2.5 V
AD5629RBRUZ-2-RL7
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±1 LSB INL
2.5 V
AD5629RACPZ-2-RL7
−40°C to +105°C
16-Lead LFCSP
CP-16-17
Zero
±4 LSB INL
2.5 V
AD5629RACPZ-3-RL7
−40°C to +105°C
16-Lead LFCSP
CP-16-17
Midscale
±4 LSB INL
2.5 V
AD5629RBCPZ-1-RL7
−40°C to +105°C
16-Lead LFCSP
CP-16-17
Zero
±1 LSB INL
1.25 V
AD5629RBCPZ-2-RL7
−40°C to +105°C
16-Lead LFCSP
CP-16-17
Zero
±1 LSB INL
2.5 V
AD5629RBCBZ-1-RL7
−40°C to +105°C
16-Lead WLCSP
CB-16-16
Zero
±1 LSB INL
1.25 V
AD5669RARUZ-1
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±32 LSB INL
1.25 V
AD5669RARUZ-1-RL7
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±32 LSB INL
1.25 V
AD5669RBRUZ-2
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±16 LSB INL
2.5 V
AD5669RBRUZ-2-RL7
−40°C to +105°C
16-Lead TSSOP
RU-16
Zero
±16 LSB INL
2.5 V
AD5669RACPZ-2-RL7
−40°C to +105°C
16-Lead LFCSP
CP-16-17
Zero
±32 LSB INL
2.5 V
AD5669RACPZ-3-RL7
−40°C to +105°C
16-Lead LFCSP
CP-16-17
Midscale
±32 LSB INL
2.5 V
AD5669RBCPZ-1-RL7
−40°C to +105°C
16-Lead LFCSP
CP-16-17
Zero
±16 LSB INL
1.25 V
AD5669RBCPZ-2-RL7
−40°C to +105°C
16-Lead LFCSP
CP-16-17
Zero
±16 LSB INL
2.5 V
AD5669RBCPZ-1500R7
−40°C to +105°C
16-Lead LFCSP
CP-16-17
Zero
±16 LSB INL
1.25 V
AD5669RBCPZ-2500R7
−40°C to +105°C
16-Lead LFCSP
CP-16-17
Zero
±16 LSB INL
2.5 V
AD5669RBCBZ-1-RL7
−40°C to +105°C
16-Lead WLCSP
CB-16-16
Zero
±16 LSB INL
1.25 V
AD5669RBCBZ-1-R5
−40°C to +105°C
16-Lead WLCSP
CB-16-16
Zero
±16 LSB INL
1.25 V
EVAL-AD5629RSDZ
Evaluation Board
EVAL-AD5669RSDZ
Evaluation Board
1
Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2010–2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08819-0-6/18(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com