Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5669RBCBZ-1-R5 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5669RBCBZ-1-R5
Description  Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5669RBCBZ-1-R5 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5669RBCBZ-1-R5 Datasheet HTML 11Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 12Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 13Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 14Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 15Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 16Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 17Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 18Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Data Sheet
AD5629R/AD5669R
Rev. F | Page 15 of 30
0.4
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
–10
–8
–6
–4
–2
02468
10
SOURCE/SINK CURRENT (mA)
VDD = 5V, INT REF = 2.5V
VDD = 3V, INT REF = 1.25V
TA = 25°C
Figure 24. Headroom at Rails vs. Source and Sink
6
5
4
3
2
1
0
–1
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
SOURCE AND SINK CURRENT (A)
ZERO CODE
FULL SCALE
MIDSCALE
1/4 SCALE
3/4 SCALE
VDD = 5V
INT REF = 2.5V
TA = 25°C
Figure 25. AD5669R-2 Source and Sink Capability
4.0
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
SOURCE AND SINK CURRENT (A)
ZERO CODE
FULL SCALE
MIDSCALE
1/4 SCALE
3/4 SCALE
VDD = 3V
INT REF = 1.25V
TA = 25°C
Figure 26. AD5669R-1 Source and Sink Capability
1.8
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
10k
20k
30k
40k
50k
60k
DIGITAL CODES (Decimal)
TA = 25°C
VDD = 5V
VDD = 3V
Figure 27. Supply Current vs. Code
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VDD = 3.6V
VDD = 5.5V
TA = 25°C
Figure 28. Supply Current vs. Temperature
1.48
1.34
1.36
1.38
1.40
1.42
1.44
1.46
2.7
5.5
5.1
4.7
4.3
3.9
3.5
3.1
VDD (V)
TA = 25°C
Figure 29. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com