Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5669RBCBZ-1-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5669RBCBZ-1-R5
Description  Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5669RBCBZ-1-R5 Datasheet(HTML) 3 Page - Analog Devices

  AD5669RBCBZ-1-R5 Datasheet HTML 1Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 2Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 3Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 4Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 5Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 6Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 7Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 8Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Data Sheet
AD5629R/AD5669R
Rev. F | Page 3 of 30
SPECIFICATIONS
VDD = 4.5 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, VREFIN = VDD. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE2
AD5629R
Resolution
12
12
Bits
Relative Accuracy
±0.5
±4
±0.5
±1
LSB
See Figure 7
Differential Nonlinearity
±0.25
±0.25
LSB
Guaranteed monotonic by design
(see Figure 9)
AD5669R
Resolution
16
16
Bits
Relative Accuracy
±8
±32
±8
±16
LSB
See Figure 6
Differential Nonlinearity
±1
±1
LSB
Guaranteed monotonic by design
(see Figure 8)
Zero-Code Error
6
19
6
19
mV
All 0s loaded to DAC register (see Figure 19)
Zero-Code Error Drift
±2
±2
µV/°C
Full-Scale Error
−0.2
−1
−0.2
−1
% FSR
All 1s loaded to DAC register (see Figure 20)
Gain Error
±1
±1
% FSR
Gain Temperature Coefficient
±2.5
±2.5
ppm
Of FSR/°C
Offset Error
±6
±19
±6
±19
mV
DC Power Supply Rejection
Ratio
–80
–80
dB
VDD ± 10%
DC Crosstalk
(External Reference)
10
10
µV
Due to full-scale output change,
RL = 2 kΩ to GND or VDD
5
5
µV/mA
Due to load current change
10
10
µV
Due to powering down (per channel)
DC Crosstalk
(Internal Reference)
25
25
µV
Due to full-scale output change,
RL = 2 kΩ to GND or VDD
10
10
µV/mA
Due to load current change
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
0
VDD
V
Capacitive Load Stability
2
2
nF
RL = ∞
10
10
nF
RL = 2 kΩ
DC Output Impedance
0.5
0.5
Ω
Short-Circuit Current
30
30
mA
VDD = 5 V
Power-Up Time
4
4
µs
Coming out of power-down mode, VDD = 5 V
REFERENCE INPUTS
Reference Current
40
50
40
50
µA
VREFIN = VDD = 5.5 V (per DAC channel)
Reference Input Range
0
VDD
0
VDD
V
Reference Input Impedance
14.6
14.6
kΩ
REFERENCE OUTPUT (1.25 V)
Output Voltage
1.247
1.253
1.247
1.253
µA
TA = 25°C
Reference Input Range
±15
±5
±15
ppm/°C
LFCSP, TSSOP
±15
WLCSP
Output Impedance
7.5
7.5
kΩ
REFERENCE OUTPUT (2.5 V)
Output Voltage
2.495
2.505
2.495
2.505
µA
TA = 25°C
Reference Input Range
±15
±5
±10
ppm/°C
Output Impedance
7.5
7.5
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com