Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5669RBCBZ-1-R5 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5669RBCBZ-1-R5
Description  Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5669RBCBZ-1-R5 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5669RBCBZ-1-R5 Datasheet HTML 9Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 10Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 11Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 12Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 13Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 14Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 15Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 16Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet
AD5629R/AD5669R
Rev. F | Page 13 of 30
1.0
0.5
–1.0
–0.5
0
0
10k
20k
30k
40k
50k
60k 65535
CODES
VDD = 5V
INT REF = 2.5V
TA = 25°C
Figure 12. DNL AD5669R-2—Internal Reference
–0.05
–0.10
–0.15
–0.20
0
0.05
0.10
0.15
0.20
0
500
1000
1500
2000
2500
3000
3500
4095
CODES
VDD = 5V
INT REF = 2.5V
TA = 25°C
Figure 13. DNL AD5629R-2—Internal Reference
10
–10
–6
–8
–4
–2
0
2
4
8
6
0
10k
20k
30k
40k
50k
60k 65535
CODES
VDD = 3V
INT REF = 1.25V
TA = 25°C
Figure 14. INL AD5669R-1—Internal Reference
0
500
1000
1500
2000
2500
3000
3500
4095
CODES
VDD = 3V
INT REF = 1.25V
TA = 25°C
1.0
0.5
0
–0.5
–1.0
Figure 15. INL AD5629R-1—Internal Reference
0
10k
20k
30k
40k
50k
60k 65535
CODES
VDD = 3V
INT REF = 1.25V
TA = 25°C
1.0
0.5
–1.0
–0.5
0
Figure 16. DNL AD5669R-1—Internal Reference
0
500
1000
1500
2000
2500
3000
3500
4095
CODES
–0.05
–0.10
–0.15
–0.20
0
0.05
0.10
0.15
0.20
VDD = 3V
INT REF = 1.25V
TA = 25°C
Figure 17. DNL AD5629R-1—Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com