Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5669RBCBZ-1-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5669RBCBZ-1-R5
Description  Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5669RBCBZ-1-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5669RBCBZ-1-R5 Datasheet HTML 10Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 11Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 12Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 13Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 14Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 15Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 16Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 17Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
AD5629R/AD5669R
Data Sheet
Rev. F | Page 14 of 30
0
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
–40
125
110
95
80
65
50
35
20
5
–10
–25
TEMPERATURE (°C)
FULL-SCALE ERROR
GAIN ERROR
VDD = 5V
Figure 18. Gain Error and Full-Scale Error vs. Temperature
6
0
1
2
3
4
5
–40
125
110
95
80
65
50
35
20
5
–10
–25
TEMPERATURE (°C)
ZERO-CODE ERROR
OFFSET ERROR
VDD = 5V
Figure 19. Zero-Code Error and Offset Error vs. Temperature
–0.16
–0.26
–0.25
–0.24
–0.23
–0.22
–0.21
–0.20
–0.19
–0.18
–0.17
2.7
5.5
5.1
4.7
4.3
3.9
3.5
3.1
VDD (V)
FULL-SCALE ERROR
GAIN ERROR
TA = 25°C
Figure 20. Gain Error and Full-Scale Error vs. Supply Voltage
1.95
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
2.7
5.5
5.1
4.7
4.3
3.9
3.5
3.1
VDD (V)
ZERO-CODE ERROR
OFFSET ERROR
TA = 25°C
Figure 21. Zero-Code Error and Offset Error vs. Supply Voltage
IDD WITH EXTERNAL REFERENCE (mA)
0.85
0.90
0.95
1.00
1.05
21
18
15
12
9
6
3
0
Figure 22. IDD Histogram with External Reference
IDD WITH INTERNAL REFERENCE (mA)
1.65
1.70
1.75
1.80
1.85
1.90
18
16
14
12
10
8
6
4
2
0
Figure 23. IDD Histogram with Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com