Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5669RBCBZ-1-R5 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5669RBCBZ-1-R5
Description  Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5669RBCBZ-1-R5 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5669RBCBZ-1-R5 Datasheet HTML 14Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 15Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 16Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 17Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 18Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 19Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 20Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 21Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
AD5629R/AD5669R
Data Sheet
Rev. F | Page 18 of 30
0
–140
–120
–100
–80
–60
–40
–20
0
10,000
8000
6000
4000
2000
FREQUENCY (Hz)
VDD = 5.5V
EXT REF = 5V
TA = 25°C
VREF = 2V ± 0.1V p-p
FREQUENCY = 10kHz
Figure 42. Total Harmonic Distortion
9
0
1
2
3
4
6
7
8
5
0
10
9
8
7
6
5
4
3
2
1
CAPACITIVE LOAD (nF)
VDD = EXTERNAL REFERENCE = 5V
VDD = EXTERNAL REFERENCE = 3V
TA = 25°C
Figure 43. Settling Time vs. Capacitive Load
5.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–10
10
5
0
–5
TIME (µs)
VOUTA
CLR PULSE
EXT REF = 5V
Figure 44. Hardware CLR
10
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100M
10M
1M
100k
1k0
1k
100
FREQUENCY (Hz)
CH A
CH B
CH C
CH D
CH E
CH F
CH G
CH H
–3dB
VDD = 5.5V
EXT REF = 5V
TA = 25°C
VREF = 2V ± 0.2V p-p
Figure 45. Multiplying Bandwidth
1.2510
1.2490
1.2492
1.2494
1.2496
1.2498
1.2500
1.2502
1.2504
1.2506
1.2508
–40
25
105
TEMPERATURE (°C)
VDD = 5.5V
Figure 46. 1.25 V Reference Temperature Coefficient vs. Temperature
2.503
2.495
2.496
2.497
2.498
2.499
2.500
2.501
2.502
105
25
–40
TEMPERATURE (°C)
Figure 47. 2.5 V Reference Temperature Coefficient vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com