Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5669RBCBZ-1-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5669RBCBZ-1-R5
Description  Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5669RBCBZ-1-R5 Datasheet(HTML) 1 Page - Analog Devices

  AD5669RBCBZ-1-R5 Datasheet HTML 1Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 2Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 3Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 4Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 5Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 6Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 7Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 8Page - Analog Devices AD5669RBCBZ-1-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Octal, 12-/16-Bit, I2C, denseDACs
with 5 ppm/°C On-Chip Reference
Data Sheet
AD5629R/AD5669R
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power octal DACs
AD5629R: 12 bits
AD5669R: 16 bits
2.6 mm × 2.6 mm 16-ball WLCSP
4 mm × 4 mm 16-lead LFCSP and 16-lead TSSOP
On-chip 1.25 V/2.5 V, 5 ppm/°C reference
Power down to 400 nA at 5 V, 200 nA at 3 V
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to zero scale or midscale
3 power-down functions
Hardware LDAC and CLR functions
I2C-compatible serial interface supports standard (100 kHz)
and fast (400 kHz) modes
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
FUNCTIONAL BLOCK DIAGRAM
VDD
1.25V/2.5V REF
VREFIN/VREFOUT
LDAC
LDAC
CLR
GND
INPUT
REGISTER
DAC
REGISTER
STRING
DAC A
VOUTA
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
VOUTB
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
VOUTC
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
VOUTD
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC E
VOUTE
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC F
VOUTF
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC G
VOUTG
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC H
VOUTH
BUFFER
POWER-ON RESET
POWER-DOWN LOGIC
SCL
SDA
A0
AD5629R/AD5669R
Figure 1.
GENERAL DESCRIPTION
The AD5629R/AD5669R devices are low power, octal, 12-/16-
bit, buffered voltage-output DACs. All devices are guaranteed
monotonic by design.
The AD5629R/AD5669R have an on-chip reference with an
internal gain of 2. The AD5629R-1/AD5669R-1 have a 1.25 V,
5 ppm/°C reference, giving a full-scale output range of 2.5 V.
The AD5629R-2/AD5629R-3 and the AD5669R-2/AD5669R-3
have a 2.5 V 5 ppm/°C reference, giving a full-scale output range
of 5 V depending on the option selected. Devices with 1.25 V
reference selected operate from a single 2.7 V to 5.5 V supply.
Devices with 2.5 V reference selected operate from 4.5 V to 5.5 V.
The on-chip reference is off at power-up, allowing the use of an
external reference. The internal reference is enabled via a
software write.
The parts incorporate a power-on reset circuit to ensure that
the DAC output powers up to 0 V (AD5629R-1/AD5629R-2,
AD5669R-1/AD5669R-2) or midscale (AD5629R-3/AD5669R-3)
and remains powered up at this level until a valid write takes place.
The part contains a power-down feature that reduces the current
consumption of the device to 400 nA at 5 V and provides software-
selectable output loads while in power-down mode for any or
all DAC channels.
PRODUCT HIGHLIGHTS
1. Octal, 12-/16-bit DACs.
2. On-chip 1.25 V/2.5 V, 5 ppm/°C reference.
3. Available in 16-lead LFCSP and TSSOP, and 16-ball WLCSP.
4. Power-on reset to 0 V or midscale.
5. Power-down capability. When powered down, the DAC
typically consumes 200 nA at 3 V and 400 nA at 5 V.


Similar Part No. - AD5669RBCBZ-1-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5669R AD-AD5669R Datasheet
1Mb / 32P
Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
More results

Similar Description - AD5669RBCBZ-1-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5628 AD-AD5628 Datasheet
306Kb / 24P
Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Revision 0
logo
Linear Technology
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
logo
Analog Devices
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5629R AD-AD5629R Datasheet
1Mb / 32P
Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
logo
Linear Technology
LTC2657 LINER-LTC2657_15 Datasheet
1Mb / 24P
Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
logo
Analog Devices
AD5766 AD-AD5766 Datasheet
1Mb / 43P
16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
1/2018-Rev. B to Rev. C
AD5767 AD-AD5767 Datasheet
1Mb / 43P
16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
1/2018-Rev. B to Rev. C
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
4/2017-Rev. C to Rev. D
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
Octal 12-/10-/8-Bit I2C VOUT DACs Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com