Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT Datasheet(PDF) 52 Page - STMicroelectronics

Part # M58WR032FT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M58WR032FT Datasheet HTML 48Page - STMicroelectronics M58WR032FT Datasheet HTML 49Page - STMicroelectronics M58WR032FT Datasheet HTML 50Page - STMicroelectronics M58WR032FT Datasheet HTML 51Page - STMicroelectronics M58WR032FT Datasheet HTML 52Page - STMicroelectronics M58WR032FT Datasheet HTML 53Page - STMicroelectronics M58WR032FT Datasheet HTML 54Page - STMicroelectronics M58WR032FT Datasheet HTML 55Page - STMicroelectronics M58WR032FT Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
M58WR032FT, M58WR032FB
52/86
Table 23. Write AC Characteristics, Chip Enable Controlled
Note: 1. Sampled only, not 100% tested.
2. tWHEL has the values shown when reading in the targeted bank. System designers should take this into account and may insert a
software No-Op instruction to delay the first read in the same bank after issuing a command. If it is a Read Array operation in a
different bank tWHEL is 0ns.
Symbol
Alt
Parameter
M58WR032FT/B
Unit
60
70
80
tAVAV
tWC
Address Valid to Next Address Valid
Min
60
70
80
ns
tAVEH
Address Valid to Chip Enable High
Min
40
45
50
ns
tAVLH
Address Valid to Latch Enable High
Min
7
9
9
ns
tDVEH
tDS
Data Valid to Chip Enable High
Min
40
45
50
ns
tEHAX
tAH
Chip Enable High to Address Transition
Min
0
0
0
ns
tEHDX
tDH
Chip Enable High to Input Transition
Min
0
0
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
Min
20
25
25
ns
tEHGL
Chip Enable High to Output Enable Low
Min
0
0
0
ns
tEHWH
tCH
Chip Enable High to Write Enable High
Min
0
0
0
ns
tELKV
Chip Enable Low to Clock Valid
Min
7
9
9
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
40
45
50
ns
tELLH
Chip Enable Low to Latch Enable High
Min
10
10
10
ns
tELQV
Chip Enable Low to Output Valid
Min
60
70
80
ns
tGHEL
Output Enable High to Chip Enable Low
Min
14
17
17
ns
tLHAX
Latch Enable High to Address Transition
Min
7
9
9
ns
tLLLH
Latch Enable Pulse Width
Min
7
9
9
ns
tWHEL
(2)
Write Enable High to Chip Enable Low
Min
20
25
25
ns
tWHQV
Write Enable High to Output Valid
Min
80
95
105
ns
tWLEL
tCS
Write Enable Low to Chip Enable Low
Min
0
0
0
ns
tEHVPL
Chip Enable High to VPP Low
Min
200
200
200
ns
tEHWPL
Chip Enable High to Write Protect Low
Min
200
200
200
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
000
ns
tQVWPL
Output (Status Register) Valid to Write Protect
Low
Min
000
ns
tVPHEH
tVPS
VPP High to Chip Enable High
Min
200
200
200
ns
tWPHEH
Write Protect High to Chip Enable High
Min
200
200
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com