Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT Datasheet(PDF) 57 Page - STMicroelectronics

Part # M58WR032FT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT Datasheet(HTML) 57 Page - STMicroelectronics

Back Button M58WR032FT Datasheet HTML 53Page - STMicroelectronics M58WR032FT Datasheet HTML 54Page - STMicroelectronics M58WR032FT Datasheet HTML 55Page - STMicroelectronics M58WR032FT Datasheet HTML 56Page - STMicroelectronics M58WR032FT Datasheet HTML 57Page - STMicroelectronics M58WR032FT Datasheet HTML 58Page - STMicroelectronics M58WR032FT Datasheet HTML 59Page - STMicroelectronics M58WR032FT Datasheet HTML 60Page - STMicroelectronics M58WR032FT Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
57/86
M58WR032FT, M58WR032FB
PART NUMBERING
Table 26. Ordering Information Scheme
Table 27. Daisy Chain Ordering Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available op-
tions (Speed, Package, etc.) or for further information on any aspect of this device, please contact the ST
Sales Office nearest to you.
Example:
M58WR032FT
70 ZB
6
T
Device Type
M58
Architecture
W = Multiple Bank, Burst Mode
Operating Voltage
R = VDD = 1.7V to 2V, VDDQ = 1.7V to 2.24V
Device Function
032FT = 32 Mbit, Top Boot
032FB = 32 Mbit, Bottom Boot
Speed
60 = 60ns
70 = 70ns
80 = 80ns
Package
ZB = VFBGA56:
7.7 x 9mm, 8x7 active ball array, 0.75 mm pitch
Temperature Range
6 = –40 to 85°C
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = Lead-Free and RoHS Package, Standard Packing
F = Lead-Free and RoHS Package, Tape & Reel Packing
Example:
M58WR032F
-ZB
T
Device Type
M58WR032F
Daisy Chain
ZB = VFBGA56:
7.7 x 9mm, 8x7 active ball array, 0.75 mm pitch
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = Lead-Free and RoHS Package, Standard Packing
F = Lead-Free and RoHS Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com