Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT Datasheet(PDF) 32 Page - STMicroelectronics

Part # M58WR032FT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M58WR032FT Datasheet HTML 28Page - STMicroelectronics M58WR032FT Datasheet HTML 29Page - STMicroelectronics M58WR032FT Datasheet HTML 30Page - STMicroelectronics M58WR032FT Datasheet HTML 31Page - STMicroelectronics M58WR032FT Datasheet HTML 32Page - STMicroelectronics M58WR032FT Datasheet HTML 33Page - STMicroelectronics M58WR032FT Datasheet HTML 34Page - STMicroelectronics M58WR032FT Datasheet HTML 35Page - STMicroelectronics M58WR032FT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
M58WR032FT, M58WR032FB
32/86
other modes, WAIT is always asserted (except for
Read Array mode).
See Table 21., Synchronous Read AC Character-
istics, and Figure 12., Synchronous Burst Read
AC Waveforms, for details.
Synchronous Burst Read Suspend. A
Syn-
chronous Burst Read operation can be suspend-
ed, freeing the data bus for other higher priority
devices. It can be suspended during the initial ac-
cess latency time (before data is output) in which
case the initial latency time can be reduced to ze-
ro, or after the device has output data. When the
Synchronous Burst Read operation is suspended,
internal array sensing continues and any previous-
ly latched internal data is retained. A burst se-
quence can be suspended and resumed as often
as required as long as the operating conditions of
the device are met.
A Synchronous Burst Read operation is suspend-
ed when E is low and the current address has
been latched (on a Latch Enable rising edge or on
a valid clock edge). The clock signal is then halted
at VIH or at VIL, and G goes high.
When G becomes low again and the clock signal
restarts, the Synchronous Burst Read operation is
resumed exactly where it stopped.
WAIT being gated by E remains active and will not
revert to high-impedance when G goes high. So if
two or more devices are connected to the system’s
READY signal, to prevent bus contention the
WAIT signal of the Flash memory should not be di-
rectly connected to the system’s READY signal.
See Table 21., Synchronous Read AC Character-
istics and Figure 14., Synchronous Burst Read
Suspend AC Waveforms, for details.
Single Synchronous Read Mode
Single Synchronous Read operations are similar
to Synchronous Burst Read operations except that
only the first data output after the X latency is valid.
Synchronous Single Reads are used to read the
Electronic Signature, Status Register, CFI, Block
Protection Status, Configuration Register Status
or Protection Register. When the addressed bank
is in Read CFI, Read Status Register or Read
Electronic Signature mode, the WAIT signal is al-
ways asserted.
See Table 21., Synchronous Read AC Character-
istics and Figure 13., Single Synchronous Read
AC Waveforms, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com