Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT Datasheet(PDF) 40 Page - STMicroelectronics

Part # M58WR032FT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M58WR032FT Datasheet HTML 36Page - STMicroelectronics M58WR032FT Datasheet HTML 37Page - STMicroelectronics M58WR032FT Datasheet HTML 38Page - STMicroelectronics M58WR032FT Datasheet HTML 39Page - STMicroelectronics M58WR032FT Datasheet HTML 40Page - STMicroelectronics M58WR032FT Datasheet HTML 41Page - STMicroelectronics M58WR032FT Datasheet HTML 42Page - STMicroelectronics M58WR032FT Datasheet HTML 43Page - STMicroelectronics M58WR032FT Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
M58WR032FT, M58WR032FB
40/86
Table 18. DC Characteristics - Currents
Note: 1. Sampled only, not 100% tested.
2. VDD Dual Operation current is the sum of read and program or erase currents.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VDDQ
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VDDQ
±1
µA
IDD1
Supply Current
Asynchronous Read (f=6MHz)
E = VIL, G = VIH
36
mA
Supply Current
Synchronous Read (f=54MHz)
4 Word
7
16
mA
8 Word
10
18
mA
16 Word
12
22
mA
Continuous
13
25
mA
Supply Current
Synchronous Read (f=66MHz)
4 Word
8
17
mA
8 Word
11
20
mA
16 Word
14
25
mA
Continuous
16
30
mA
IDD2
Supply Current (Reset)
RP = VSS ± 0.2V
10
50
µA
IDD3
Supply Current (Standby)
E = VDD ± 0.2V
10
50
µA
IDD4
Supply Current (Automatic Standby)
E = VIL, G = VIH
10
50
µA
IDD5
(1)
Supply Current (Program)
VPP = VPPH
815
mA
VPP = VDD
10
20
mA
Supply Current (Erase)
VPP = VPPH
815
mA
VPP = VDD
10
20
mA
IDD6
(1,2)
Supply Current
(Dual Operations)
Program/Erase in one
Bank, Asynchronous
Read in another Bank
13
26
mA
Program/Erase in one
Bank, Synchronous
Read in another Bank
23
45
mA
IDD7
(1)
Supply Current Program/ Erase
Suspended (Standby)
E = VDD ± 0.2V
10
50
µA
IPP1
(1)
VPP Supply Current (Program)
VPP = VPPH
25
mA
VPP = VDD
0.2
5
µA
VPP Supply Current (Erase)
VPP = VPPH
25
mA
VPP = VDD
0.2
5
µA
IPP2
VPP Supply Current (Read)
VPP ≤ VDD
0.2
5
µA
IPP3
(1)
VPP Supply Current (Standby)
VPP ≤ VDD
0.2
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com