Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT Datasheet(PDF) 59 Page - STMicroelectronics

Part # M58WR032FT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT Datasheet(HTML) 59 Page - STMicroelectronics

Back Button M58WR032FT Datasheet HTML 55Page - STMicroelectronics M58WR032FT Datasheet HTML 56Page - STMicroelectronics M58WR032FT Datasheet HTML 57Page - STMicroelectronics M58WR032FT Datasheet HTML 58Page - STMicroelectronics M58WR032FT Datasheet HTML 59Page - STMicroelectronics M58WR032FT Datasheet HTML 60Page - STMicroelectronics M58WR032FT Datasheet HTML 61Page - STMicroelectronics M58WR032FT Datasheet HTML 62Page - STMicroelectronics M58WR032FT Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
59/86
M58WR032FT, M58WR032FB
Table 29. Bottom Boot Block Addresses,
M58WR032FB
Note: There are two Bank Regions: Bank Region 2 contains all the
banks that are made up of main blocks only; Bank Region 1
contains the banks that are made up of the parameter and
main blocks (Parameter Bank).
Bank
#
Size
(KWord)
Address Range
70
32
1F8000-1FFFFF
69
32
1F0000-1F7FFF
68
32
1E8000-1EFFFF
67
32
1E0000-1E7FFF
66
32
1D8000-1DFFFF
65
32
1D0000-1D7FFF
64
32
1C8000-1CFFFF
63
32
1C0000-1C7FFF
62
32
1B8000-1BFFFF
61
32
1B0000-1B7FFF
60
32
1A8000-1AFFFF
59
32
1A0000-1A7FFF
58
32
198000-19FFFF
57
32
190000-197FFF
56
32
188000-18FFFF
55
32
180000-187FFF
54
32
178000-17FFFF
53
32
170000-177FFF
52
32
168000-16FFFF
51
32
160000-167FFF
50
32
158000-15FFFF
49
32
150000-157FFF
48
32
148000-14FFFF
47
32
140000-147FFF
46
32
138000-13FFFF
45
32
130000-137FFF
44
32
128000-12FFFF
43
32
120000-127FFF
42
32
118000-11FFFF
41
32
110000-117FFF
40
32
108000-10FFFF
39
32
100000-107FFF
38
32
0F8000-0FFFFF
37
32
0F0000-0F7FFF
36
32
0E8000-0EFFFF
35
32
0E0000-0E7FFF
34
32
0D8000-0DFFFF
33
32
0D0000-0D7FFF
32
32
0C8000-0CFFFF
31
32
0C0000-0C7FFF
30
32
0B8000-0BFFFF
29
32
0B0000-0B7FFF
28
32
0A8000-0AFFFF
27
32
0A0000-0A7FFF
26
32
098000-09FFFF
25
32
090000-097FFF
24
32
088000-08FFFF
23
32
080000-087FFF
22
32
078000-07FFFF
21
32
070000-077FFF
20
32
068000-06FFFF
19
32
060000-067FFF
18
32
058000-05FFFF
17
32
050000-057FFF
16
32
048000-04FFFF
15
32
040000-047FFF
14
32
038000-03FFFF
13
32
030000-037FFF
12
32
028000-02FFFF
11
32
020000-027FFF
10
32
018000-01FFFF
9
32
010000-017FFF
8
32
008000-00FFFF
7
4
007000-007FFF
6
4
006000-006FFF
5
4
005000-005FFF
4
4
004000-004FFF
3
4
003000-003FFF
2
4
002000-002FFF
1
4
001000-001FFF
0
4
000000-000FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com