Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT Datasheet(PDF) 61 Page - STMicroelectronics

Part # M58WR032FT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT Datasheet(HTML) 61 Page - STMicroelectronics

Back Button M58WR032FT Datasheet HTML 57Page - STMicroelectronics M58WR032FT Datasheet HTML 58Page - STMicroelectronics M58WR032FT Datasheet HTML 59Page - STMicroelectronics M58WR032FT Datasheet HTML 60Page - STMicroelectronics M58WR032FT Datasheet HTML 61Page - STMicroelectronics M58WR032FT Datasheet HTML 62Page - STMicroelectronics M58WR032FT Datasheet HTML 63Page - STMicroelectronics M58WR032FT Datasheet HTML 64Page - STMicroelectronics M58WR032FT Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 86 page
background image
61/86
M58WR032FT, M58WR032FB
Table 31. CFI Query Identification String
Offset
Sub-section Name
Description
Value
00h
0020h
Manufacturer Code
ST
01h
8814h
8815h
Device Code
Top (M58WR032FT)
Bottom (M58WR032FB)
02h
reserved
Reserved
03h
reserved
Reserved
04h-0Fh
reserved
Reserved
10h
0051h
Query Unique ASCII String "QRY"
"Q"
11h
0052h
"R"
12h
0059h
"Y"
13h
0003h
Primary Algorithm Command Set and Control Interface
ID code 16 bit ID code defining a specific algorithm
14h
0000h
15h
offset = P = 0039h
Address for Primary Algorithm extended Query table
(see Table 34.)
p = 39h
16h
0000h
17h
0000h
Alternate Vendor Command Set and Control Interface
ID Code second vendor - specified algorithm supported
NA
18h
0000h
19h
value = A = 0000h
Address for Alternate Algorithm extended Query table
NA
1Ah
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com