Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT Datasheet(PDF) 60 Page - STMicroelectronics

Part # M58WR032FT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M58WR032FT Datasheet HTML 56Page - STMicroelectronics M58WR032FT Datasheet HTML 57Page - STMicroelectronics M58WR032FT Datasheet HTML 58Page - STMicroelectronics M58WR032FT Datasheet HTML 59Page - STMicroelectronics M58WR032FT Datasheet HTML 60Page - STMicroelectronics M58WR032FT Datasheet HTML 61Page - STMicroelectronics M58WR032FT Datasheet HTML 62Page - STMicroelectronics M58WR032FT Datasheet HTML 63Page - STMicroelectronics M58WR032FT Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
M58WR032FT, M58WR032FB
60/86
APPENDIX B. COMMON FLASH INTERFACE
The Common Flash Interface is a JEDEC ap-
proved, standardized data structure that can be
read from the Flash memory device. It allows a
system software to query the device to determine
various electrical and timing parameters, density
information and functions supported by the mem-
ory. The system can interface easily with the de-
vice, enabling the software to upgrade itself when
necessary.
When the Read CFI Query Command is issued
the device enters CFI Query mode and the data
structure is read from the memory. Tables 30, 31,
32, 33, 34, 35, 36, 37, 38 and 39 show the ad-
dresses used to retrieve the data. The Query data
is always presented on the lowest order data out-
puts (DQ0-DQ7), the other outputs (DQ8-DQ15)
are set to 0.
The CFI data structure also contains a security
area where a 64 bit unique security number is writ-
ten (see Figure 5., Protection Register Memory
Map). This area can be accessed only in Read
mode by the final user. It is impossible to change
the security number after it has been written by
ST. Issue a Read Array command to return to
Read mode.
Table 30. Query Structure Overview
Note: The Flash memory display the CFI data structure when CFI Query command is issued. In this table are listed the main sub-sections
detailed in Tables 31, 32, 33 and 34. Query data is always presented on the lowest order data outputs.
Offset
Sub-section Name
Description
00h
Reserved
Reserved for algorithm-specific information
10h
CFI Query Identification String
Command set ID and algorithm data offset
1Bh
System Interface Information
Device timing & voltage information
27h
Device Geometry Definition
Flash device layout
P
Primary Algorithm-specific Extended Query table
Additional information specific to the Primary
Algorithm (optional)
A
Alternate Algorithm-specific Extended Query table
Additional information specific to the Alternate
Algorithm (optional)
80h
Security Code Area
Lock Protection Register
Unique device Number and
User Programmable OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com