Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT Datasheet(PDF) 67 Page - STMicroelectronics

Part # M58WR032FT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT Datasheet(HTML) 67 Page - STMicroelectronics

Back Button M58WR032FT Datasheet HTML 63Page - STMicroelectronics M58WR032FT Datasheet HTML 64Page - STMicroelectronics M58WR032FT Datasheet HTML 65Page - STMicroelectronics M58WR032FT Datasheet HTML 66Page - STMicroelectronics M58WR032FT Datasheet HTML 67Page - STMicroelectronics M58WR032FT Datasheet HTML 68Page - STMicroelectronics M58WR032FT Datasheet HTML 69Page - STMicroelectronics M58WR032FT Datasheet HTML 70Page - STMicroelectronics M58WR032FT Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
67/86
M58WR032FT, M58WR032FB
Note: 1. The variable P is a pointer which is defined at CFI offset 15h.
2. Bank Regions. There are two Bank Regions, see Table 28. and Table 29.
Table 39. Bank and Erase Block Region 2 Information
(P+2E)h = 67h
01h
Bank Regions 1 (Erase Block Type 2): BIts per cell, internal
ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
BIts 5-7: reserved
(P+2F)h = 68h
03h
Bank Region 1 (Erase Block Type 2): Page mode and
synchronous mode capabilities
Bit 0: Page-mode reads permitted
Bit 1: Synchronous reads permitted
Bit 2: Synchronous writes permitted
Bits 3-7: reserved
M58WR032FT (top)
M58WR032FB (bottom)
Description
Offset
Data
Offset
Data
(P+28)h = 61h
01h
(P+30)h = 69h
07h
Number of identical banks within Bank Region 2
(P+29)h = 62h
00h
(P+31)h = 6Ah
00h
(P+2A)h = 63h
11h
(P+32)h = 6Bh
11h
Number of program or erase operations allowed in Bank
Region 2:
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+2B)h = 64h
00h
(P+33)h = 6Ch
00h
Number of program or erase operations allowed in other banks
while a bank in this region is programming
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+2C)h = 65h
00h
(P+34)h = 6Dh
00h
Number of program or erase operations allowed in other banks
while a bank in this region is erasing
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+2D)h = 66h
02h
(P+35)h = 6Eh
01h
Types of erase block regions in Bank Region 2
n = number of erase block regions with contiguous same-size
erase blocks.
Symmetrically blocked banks have one blocking region.(2)
(P+2E)h = 67h
06h
(P+36)h = 6Fh
07h
Bank Region 2 Erase Block Type 1 Information
Bits 0-15: n+1 = number of identical-sized erase blocks
Bits 16-31: n×256 = number of bytes in erase block region
(P+2F)h = 68h
00h
(P+37)h = 70h
00h
(P+30)h = 69h
00h
(P+38)h = 71h
00h
(P+31)h = 6Ah
01h
(P+39)h = 72h
01h
(P+32)h = 6Bh
64h
(P+3A)h = 73h
64h
Bank Region 2 (Erase Block Type 1)
Minimum block erase cycles × 1000
(P+33)h = 6Ch
00h
(P+3B)h = 74h
00h
(P+34)h = 6Dh
01h
(P+3C)h = 75h
01h
Bank Region 2 (Erase Block Type 1): BIts per cell, internal
ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
BIts 5-7: reserved
M58WR032FT (top)
M58WR032FB(bottom)
Description
Offset
Data
Offset
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com