Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT Datasheet(PDF) 84 Page - STMicroelectronics

Part # M58WR032FT
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT Datasheet(HTML) 84 Page - STMicroelectronics

Back Button M58WR032FT Datasheet HTML 78Page - STMicroelectronics M58WR032FT Datasheet HTML 79Page - STMicroelectronics M58WR032FT Datasheet HTML 80Page - STMicroelectronics M58WR032FT Datasheet HTML 81Page - STMicroelectronics M58WR032FT Datasheet HTML 82Page - STMicroelectronics M58WR032FT Datasheet HTML 83Page - STMicroelectronics M58WR032FT Datasheet HTML 84Page - STMicroelectronics M58WR032FT Datasheet HTML 85Page - STMicroelectronics M58WR032FT Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
M58WR032FT, M58WR032FB
84/86
Table 43. Command Interface States - Lock Table, Next Output
Note: 1. CI = Command Interface, CR = Configuration Register, EFP = Enhanced Factory Program, Quad EFP = Quadruple Enhanced Fac-
tory Program, P/E. C. = Program/Erase Controller.
2. EFP and Quad EFP exit when Block Address is different from first Block Address and data is FFFFh.
3. If the P/E.C. is active, both cycles are ignored.
4. Illegal commands are those not defined in the command set.
Current CI State
Command Input
Lock/CR
Setup(3)
(60h)
OTP Setup
(3)
(C0h)
Block Lock
Confirm
(01h)
Block
Lock-Down
Confirm
(2Fh)
Set CR
Confirm
(03h)
EFP Exit,
Quad EFP
Exit (2)
Illegal
Command
(4)
P/E. C.
Operation
Completed
Program Setup
Status Register
Output
Unchanged
Erase Setup
OTP Setup
Program in Erase
Suspend
EFP Setup
EFP Busy
EFP Verify
Quad EFP Setup
Quad EFP Busy
Lock/CR Setup
Status Register
Array
Status Register
Output
Unchanged
Lock/CR Setup in
Erase Suspend
OTP Busy
Status Register
Output Unchanged
Array
Output
Unchanged
Output
Unchanged
Ready
Status Register
Output Unchanged
Array
Output
Unchanged
Output
Unchanged
Program Busy
EraseBusy
Program/Erase
Program Busy in
Erase Suspend
Program Suspend in
Erase Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com