Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
56F8014 Signal Pins
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
21
Preliminary
GPIOA1
(PWM1)
27
Input/
Output
Output
Input, pulled
high
internally
Port A GPIO — This GPIO pin can be individually programmed as
an input or output pin.
PWM1 — This is one of the six PWM output pins.
After reset, the default state is GPIOA1.
GPIOA2
(PWM2)
23
Input/
Output
Output
Input, pulled
high
internally
Port A GPIO — This GPIO pin can be individually programmed as
an input or output pin.
PWM2 — This is one of the six PWM output pins.
After reset, the default state is GPIOA2.
GPIOA4
(PWM4)
(FAULT1)
(T27)
22
Input/
Output
Output
Input
Input/
Output
Input, pulled
high
internally
Port A GPIO — This GPIO pin can be individually programmed as
an input or output pin.
PWM4 — This is one of the six PWM output pins.
Fault1 — This fault input pin is used for disabling selected PWM
outputs in cases where fault conditions originate off-chip.
T2 — Timer, Channel 2
After reset, the default state is GPIOA4. The peripheral functionality
is controlled via the SIM. See Section 6.3.8.
7. This signal is also brought out on the GPIOB2 pin.
GPIOA5
(PWM5)
(FAULT2)
(T38)
20
Input/
Output
Output
Input/
Output
Input/
Output
Input, pulled
high
internally
Port A GPIO — This GPIO pin can be individually programmed as
an input or output pin.
PWM5 — This is one of the six PWM output pins.
Fault2 — This fault input pin is used for disabling selected PWM
outputs in cases where fault conditions originate off-chip.
T3 — Timer, Channel 3
After reset, the default state is GPIOA5. The peripheral functionality
is controlled via the SIM. See Section 6.3.8.
8. This signal is also brought out on the GPIOB3 pin.
Return to Table 2-2
Table 2-3 56F8014 Signal and Package Information for the 32-Pin LQFP (Continued)
Signal
Name
LQFP
Pin No.
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com