Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 78Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 124 page
background image
Resets
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
79
Preliminary
Figure 6-15 provides a graphic illustration of the details in Table 6-4. Note that the POR_Delay blocks
use the Relaxation Oscillator Clock as their time base since other system clocks are inactive during this
phase of reset.
Figure 6-15 Sources of RESET Functional Diagram (Test modes not included)
POR resets are extended 64 MSTR_OSC clocks to stabilize the power supply. All resets are subsequently
extended for an additional 32 MSTR_OSC clocks and 64 system clocks as the various internal reset
controls are released. Given the normal relaxation oscillator rate of 8MHz, the duration of a POR reset
from when power comes on to when code is running is 28
µS. An external reset generation chip may also
be used. Resets may be asserted asynchronously, but they are always released internally on a rising edge
of the system clock.
EXTENDED_POR
JTAG
Memory
Subsystem
Peripherals
56800E
CORE_RST
Delay 32
sys clocks
OCCS
CLKGEN_RST
PERIP_RST
Delay 32
sys clocks
pulse shaper
pulse shaper
SW Reset
pulse shaper
Delay 32
MSTR_OSC
Clocks
pulse shaper
POR
Power-On
Reset
(active
low)
External
RESET IN
(active
low)
COP
(active
low)
RESET
Delay 64
MSTR_OSC
Clocks
Delay blocks assert immediately and
deassert only after the programmed
number of clock cycles.
COMBINED_RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com