Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
Introduction
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
13
Preliminary
Table 2-2 56F8014 Pins
Peripherals:
LQFP
Pin #
Pin
Name
Signal Name
GPIO
I2C
SCI
SPI
ADC
PWM
Quad
Timer
Power &
Ground
JTAG
Misc
1
GPIOB1 GPIOB1, SS,
SDA
B1
SDA
SS
2
GPIOB7 GPIOB7, TXD,
SCL
B7
SCL
TXD
3
GPIOB5 GPIOB5, T1,
FAULT3
B5
FAULT3
T1
4
ANB0
ANB0, GPIOC4
C4
ANB0
5
ANB1
ANB1, GPIOC5
C5
ANB1
6
ANB2
ANB2, VREFL,
GPIOC6
C6
ANB2,
VREFL
7
ANB3
ANB3, GPIOC7
C7
ANB3
8
VDDA
VDDA
VDDA
9
VSSA
VSSA
VSSA
10
ANA3
ANA3, GPIOC3
C3
ANA3
11
ANA2
ANA2, VREFH,
GPIOC2
C2
ANA2,
VREFH
12
ANA1
ANA1, GPIOC1
C1
ANA1
13
ANA0
ANA0, GPIOC0
C0
ANA0
14
VSS_IO
VSS_IO
VSS_IO
15
TCK
TCK, GPIOD2
D2
TCK
16
RESET
RESET, GPIOA7
A7
RESET
17
GPIOB3 GPIOB3, MOSI,
T3
B3
MOSI
T3
18
GPIOB2 GPIOB2, MISO,
T2
B2
MISO
T2
19
GPIOB4 GPIOB4, T0,
CLKO
B4
T0
CLKO
20
GPIOA5 GPIOA5, PWM5,
FAULT2, T3
A5
PWM5,
FAULT2
T3
21
GPIOB0 GPIOB0, SCLK,
SCL
B0
SCL
SCLK
22
GPIOA4 GPIOA4, PWM4,
FAULT1, T2
A4
PWM4,
FAULT1
T2
23
GPIOA2 GPIOA2, PWM2
A2
PWM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com