Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8014 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  56F8014 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 124 page
background image
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
3
Preliminary
56F8014 Block Diagram
Program Controller
and Hardware
Looping Unit
Data ALU
16 x 16 + 36 -> 36-Bit MAC
Three 16-bit Input Registers
Four 36-bit Accumulators
Address
Generation Unit
Bit
Manipulation
Unit
16-Bit
56800E Core
Interrupt
Controller
4
Unified Data /
Program RAM
4KB
PDB
PDB
XAB1
XAB2
XDB2
CDBR
SPI or I2C
or Timer
or GPIOB
IPBus Bridge (IPBB)
System Bus
Control
R/W Control
Memory
PAB
PAB
CDBW
CDBR
CDBW
JTAG/EOnCE
Port or
GPIOD
Digital Reg
Analog Reg
Low-Voltage
Supervisor
VCAP
VDD
VSS_IO VDDA
VSSA
4
RESET
5
Timer or
GPIOB
AD0
2
4
Clock
Generator*
System
Integration
Module
P
O
R
O
S
C
PWM Outputs
PWM
or Timer Port
or GPIOA
*Includes On-Chip
Relaxation Oscillator
COP/
Watchdog
AD1
4
Program Memory
8K x 16 Flash
ADC
or
GPIOC
SCI
or I2C
or GPIOB
2
2
• Up to 32 MIPS at 32MHz core frequency
• DSP and MCU functionality in a unified,
C-efficient architecture
• 16KB Program Flash
• 4KB Unified Data/Program RAM
• One 5-channel PWM module
• Two 4-channel 12-bit ADCs
• One Serial Communication Interface (SCI) with LIN
slave functionality
• One Serial Peripheral Interface (SPI)
• One 16-bit Quad Timer
• One Inter-Integrated Circuit (I
2C) Port
• Computer Operating Properly (COP)/Watchdog
• On-Chip Relaxation Oscillator
• Integrated Power-On Reset and Low-Voltage Interrupt
Module
• JTAG/Enhanced On-Chip Emulation (OnCE™) for
unobtrusive, real-time debugging
• Up to 26 GPIO lines
• 32-pin LQFP Package
56F8014 General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com